Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC2449 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC2449
Description  BI PHASE DUAL CONTROLLER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC2449 Datasheet(HTML) 1 Page - Semtech Corporation

  SC2449 Datasheet HTML 1Page - Semtech Corporation SC2449 Datasheet HTML 2Page - Semtech Corporation SC2449 Datasheet HTML 3Page - Semtech Corporation SC2449 Datasheet HTML 4Page - Semtech Corporation SC2449 Datasheet HTML 5Page - Semtech Corporation SC2449 Datasheet HTML 6Page - Semtech Corporation SC2449 Datasheet HTML 7Page - Semtech Corporation SC2449 Datasheet HTML 8Page - Semtech Corporation SC2449 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
POWER MANAGEMENT
1
www.semtech.com
SC2449
BI-Phase/Dual Controller
.eatures
Applications
Revision 4, May 2002
Typical Application Circuit
Description
K Selectable dual output or bi-phase operation
K Direct drive for N-channel MOS.ETs
K Undervoltage lockout
K Synchronization to external clock
K Multi-converter synchronization
K Soft start
K .ast transient response
K Max duty cycle 45%
K Output over voltage protection
K Thermal shutdown
K Power supplies for advanced telecoms/datacoms
K SO IP, Ethernet and PABX power supplies
The SC2449 can be configured as a dual converter or a
bi-phase converter for high current applications. The part
is designed for point of use power supplies with 8.5-28V
nominal backplane power sources. Multiple supplies can
be synchronized together to prevent low frequency har-
monics on the backplane. The power dissipation is con-
trolled using a novel low voltage supply technique, allow-
ing high speed and integration, with the high drive cur-
rents to ensure low MOS.ET switching loss.
The use of high speed switching circuits allows very nar-
row PWM outputs down to 15:1 voltage ratios. Single
pin compensation for each channel simplifies develop-
ment as well as reducing external pin count.
Capable of driving MOS.ETs via external driver transis-
tors for phase currents beyond 20A.


Similar Part No. - SC2449

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2449EVB SEMTECH-SC2449EVB Datasheet
1Mb / 21P
BI-Phase/Dual Controller
SC2449ISWTR SEMTECH-SC2449ISWTR Datasheet
1Mb / 21P
BI-Phase/Dual Controller
SC2449ISWTRT SEMTECH-SC2449ISWTRT Datasheet
1Mb / 21P
BI-Phase/Dual Controller
SC2449 SEMTECH-SC2449_07 Datasheet
1Mb / 21P
BI-Phase/Dual Controller
More results

Similar Description - SC2449

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC2450 SEMTECH-SC2450 Datasheet
1Mb / 20P
BI-Phase/Dual Controller
SC2450 SEMTECH-SC2450_07 Datasheet
1Mb / 21P
BI-Phase/Dual Controller
SC2449 SEMTECH-SC2449_07 Datasheet
1Mb / 21P
BI-Phase/Dual Controller
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
IR3565A IRF-IR3565A_15 Datasheet
355Kb / 4P
Dual Output Digital Multi-Phase Controller
logo
ON Semiconductor
NCP6121 ONSEMI-NCP6121 Datasheet
315Kb / 28P
Dual Output 3 Phase 1/0 Phase Controller
January, 2013 ??Rev. 2
NCP6151A ONSEMI-NCP6151A Datasheet
576Kb / 34P
Dual Output 4 Phase 1/0 Phase Controller
Rev1, 032012
NCP81232 ONSEMI-NCP81232_16 Datasheet
261Kb / 24P
Dual-Channel/Multi-Phase Controller
September, 2016 ??Rev. 1
logo
Richtek Technology Corp...
RT8167A RICHTEK-RT8167A_14 Datasheet
659Kb / 41P
Dual Single-Phase PWM Controller
RT8172A RICHTEK-RT8172A Datasheet
494Kb / 40P
Dual Single-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com