Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW481ART Datasheet(PDF) 9 Page - NICHIA CORPORATION

Part # NFMW481ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW481ART Datasheet(HTML) 9 Page - NICHIA CORPORATION

Back Button NFMW481ART Datasheet HTML 5Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 6Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 7Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 8Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 9Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 10Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 11Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 12Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 13Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
NICHIA STS-DA1-4530B <Cat.No.170830>
8
CHROMATICITY DIAGRAM
0.32
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.34
0.36
0.38
0.40
0.42
0.44
0.46
0.48
x
黒体放射軌跡
Blackbody Locus
sm2750b
sm2750c
sm3050a
sm3050b
sm3050c
sm3550c
sm4050a
sm4050b
sm4050c
sm4550c
sm2750d
sm273
sm2750e
sm3050d
sm303
sm3050e
sm4550f
sm4550e
sm3550f
sm2750f
sm3550a
sm3550b
sm353
sm3550e
sm3550d
sm4050f
sm4050e
sm4050d
sm403
sm4550b
sm4550a
sm4550d
sm453
sm2750a
sm3050f
4500K
4000K
3500K
3000K
2700K



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com