Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW481ART Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NFMW481ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW481ART Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NFMW481ART Datasheet HTML 1Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 2Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 3Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 4Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 5Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 6Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 7Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 8Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
NICHIA STS-DA1-4530B <Cat.No.170830>
2
RANKS
Item
Rank
Condition
Min
Max
Unit
Forward Voltage
Nb1
IF=200mA
24.4
24.6
V
Na
24.0
24.4
Hb
23.6
24.0
Ha
23.2
23.6
Mb
22.8
23.2
Ma
22.4
22.8
Lb
22.0
22.4
La
21.6
22.0
Kb3
21.3
21.6
Luminous Flux
Pf0062
IF=200mA
620
760
lm
Pf0061
610
750
Pf0060
600
740
Pf0059
590
730
Pf0058
580
700
Pf0057
570
700
Pf0056
560
680
Pf0055
550
680
Pf0052
520
640
Pf0050
500
610
Pf0048
480
590
Pf0047
470
570
Pf0045
450
550
Pf0041
410
510
Color Rendering Index
R70
Ra
IF=200mA
70
-
-
R8000
Ra
80
-
R9
0
-
R9050
Ra
90
-
R9
50
-
Color Ranks(IF=200mA)
The color ranks have chromaticity ranges within 3-step MacAdam ellipse.
Rank
sm203
Rank
sm223
Rank
sm253
Rank
sm273
Rank
sm303
Rank
sm353
Color Temperature
(Unit: K)
TCP
2000
2200
2500
2700
3000
3500
Center Point
x
0.5270
0.5018
0.4806
0.4578
0.4338
0.4073
y
0.4130
0.4153
0.4141
0.4101
0.4030
0.3917
Minor Axis
a
0.003978
0.004002
0.004029
0.004056
0.004107
0.004098
Major Axis
b
0.007062
0.007206
0.007515
0.007872
0.008391
0.008796
Ellipse Rotation Angle
Φ
-43.56
-39.89
-37.58
-36.05
-36.00
-35.47
Rank
sm403
Rank
sm453
Rank
sm503
Rank
sm573
Rank
sm653
Color Temperature
(Unit: K)
TCP
4000
4500
5000
5700
6500
Center Point
x
0.3818
0.3611
0.3447
0.3287
0.3123
y
0.3797
0.3658
0.3553
0.3417
0.3282
Minor Axis
a
0.004071
0.003852
0.003555
0.003087
0.002709
Major Axis
b
0.009282
0.009009
0.008418
0.007809
0.006561
Ellipse Rotation Angle
Φ
-35.95
-34.33
-31.78
-31.56
-32.35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com