Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW481ART Datasheet(PDF) 12 Page - NICHIA CORPORATION

Part # NFMW481ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW481ART Datasheet(HTML) 12 Page - NICHIA CORPORATION

Back Button NFMW481ART Datasheet HTML 8Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 9Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 10Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 11Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 12Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 13Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 14Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 15Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 16Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
NICHIA STS-DA1-4530B <Cat.No.170830>
11
SOLDERING
• Recommended Reflow Soldering Condition(Lead-free Solder)
120sec Max
Pre-heat
180 to 200°C
260°CMax
10sec Max
60sec Max
Above 220°C
1 to 5°C per sec
● Recommended Soldering Pad Pattern
● Recommended Solder Resist Opening
● Recommended Metal Solder Stencil Aperture
(単位 Unit: mm)
交差斜線部にランドパターンを配置しないでください。
Do not have the solder pads
in the area shaded with crossed diagonal lines.
5.9
6.7
7.15
0.8
0.3
1.45
0.95
1
2.03
2.65
Cathode
Anode
(9)
(2.1)
2.45
2.68
7.25
1.24
2.23
1.06
1.63
Cathode 1
Cathode 2
Anode
Cathode 1 and Cathode 2 should be soldered to a PCB.
* This LED is designed to be reflow soldered on to a PCB. If dip soldered or hand soldered, Nichia cannot guarantee its reliability.
* Reflow soldering must not be performed more than twice.
* Avoid rapid cooling. Ramp down the temperature gradually from the peak temperature.
* Nitrogen reflow soldering is recommended. Air flow soldering conditions can cause optical degradation, caused by heat and/or
atmosphere.
* Since the silicone used in the encapsulating resin is soft, do not press on the encapsulant resin. Pressure can cause nicks,
chip-outs, encapsulant delamination and deformation, and wire breaks, decreasing reliability.
When using automatic pick and place machine, use a pick up nozzle which does not directly apply stress to the encapsulation of
the LEDs.
Recommended conditions:
It is recommended to use a pick up nozzle designed for the LEDs. (See Figure below.)
* If the LEDs are picked and placed by a nozzle that does not comply with the recommended conditions,
it may cause the wires to break and the LED not to illuminate.
(単位 Unit: mm)
C0.23
4.8
5.6
R1
Φ
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com