Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW481ART Datasheet(PDF) 2 Page - NICHIA CORPORATION

Part # NFMW481ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW481ART Datasheet(HTML) 2 Page - NICHIA CORPORATION

  NFMW481ART Datasheet HTML 1Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 2Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 3Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 4Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 5Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 6Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 7Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 8Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
NICHIA STS-DA1-4530B <Cat.No.170830>
1
SPECIFICATIONS
(1) Absolute Maximum Ratings
Item
Symbol
Absolute Maximum Rating
Unit
Forward Current
IF
250
mA
Pulse Forward Current
IFP
350
mA
Allowable Reverse Current
IR
85
mA
Power Dissipation
PD
6.15
W
Operating Temperature
Topr
-40~100
°C
Storage Temperature
Tstg
-40~100
°C
Junction Temperature
TJ
135
°C
* Absolute Maximum Ratings at TJ=25°C.
* IFP conditions with pulse width ≤10ms and duty cycle ≤10%.
* For IF and IFP, see the "DERATING CHARACTERISTICS" of this specification.
(2) Initial Electrical/Optical Characteristics
Item
Symbol
Condition
Typ
Max
Unit
Forward Voltage
VF
IF=200mA
22.9
-
V
IF=90mA
20.6
-
R70
Luminous Flux
(Chromaticity Coordinate1)
Φv
IF=200mA
670
-
lm
IF=90mA
326
-
Color Rendering Index
(Chromaticity Coordinate1)
Ra
IF=200mA
73
-
-
R8000
Luminous Flux
(Chromaticity Coordinate1)
Φv
IF=200mA
610
-
lm
IF=90mA
297
-
Color Rendering Index
(Chromaticity Coordinate1)
Ra
IF=200mA
83
-
-
R9050
Luminous Flux
(Chromaticity Coordinate1)
Φv
IF=200mA
530
-
lm
IF=90mA
260
-
Color Rendering Index
(Chromaticity Coordinate1)
Ra
IF=200mA
92
-
-
Chromaticity Coordinate1
x
-
IF=200mA
0.4338
-
-
y
IF=200mA
0.4030
-
R70
Luminous Flux
(Chromaticity Coordinate2)
Φv
IF=200mA
690
-
lm
IF=90mA
336
-
Color Rendering Index
(Chromaticity Coordinate2)
Ra
IF=200mA
73
-
-
R8000
Luminous Flux
(Chromaticity Coordinate2)
Φv
IF=200mA
640
-
lm
IF=90mA
311
-
Color Rendering Index
(Chromaticity Coordinate2)
Ra
IF=200mA
83
-
-
R9050
Luminous Flux
(Chromaticity Coordinate2)
Φv
IF=200mA
560
-
lm
IF=90mA
275
-
Color Rendering Index
(Chromaticity Coordinate2)
Ra
IF=200mA
92
-
-
Chromaticity Coordinate2
x
-
IF=200mA
0.3447
-
-
y
IF=200mA
0.3553
-
Thermal Resistance
RθJS
-
3.3
3.8
°C/W
* Characteristics at TJ=25°C and measured in pulse mode.
* Optical Characteristics as per CIE 127:2007 standard.
* Chromaticity Coordinates as per CIE 1931 Chromaticity Chart.
* RθJS is the thermal resistance from the junction to the TS measurement point.
* RθJS is measured using the Dynamic Mode detailed in JESD51-1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com