Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW481ART Datasheet(PDF) 14 Page - NICHIA CORPORATION

Part # NFMW481ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW481ART Datasheet(HTML) 14 Page - NICHIA CORPORATION

Back Button NFMW481ART Datasheet HTML 10Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 11Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 12Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 13Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 14Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 15Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 16Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 17Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 18Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 40 page
background image
NICHIA STS-DA1-4530B <Cat.No.170830>
13
TAPE AND REEL DIMENSIONS
Nxxx481x
STS-DA7-10560A
(単位 Unit: mm)
管理番号
No.
リール部
Reel
8±0.1 2±0.05 4±0.1
Φ
1.5+0.1
テーピング部
Tape
トレーラ部
/リーダ部 Trailer and Leader
トップカバーテープ
引き出し方向
Embossed Carrier Tape
エンボスキャリアテープ
Top Cover Tape
Feed
Direction
リーダ部最小
400mm
Leader without Top Cover Tape 400mm MIN
トレーラ部最小
160mm(空部)
Trailer 160mm MIN(Empty Pockets)
LED装着部
Loaded Pockets
引き出し部最小
100mm(空部)
Leader with Top Cover Tape
100mm MIN(Empty Pocket)
* 数量は1リールにつき 1500個入りです。
Reel Size: 1500pcs
* 実装作業の中断などでエンボスキャリアテープをリールに巻き取る場合、
エンボスキャリアテープを強く
(10N以上)締めないで下さい。
LEDがカバーテープに貼り付く可能性があります。
When the tape is rewound due to work interruptions,
no more than 10N should be applied to
the embossed carrier tape.
The LEDs may stick to the top cover tape.
* JIS C 0806電子部品テーピングに準拠しています。
The tape packing method complies with JIS C 0806
(Packaging of Electronic Components on Continuous Tapes).
180+0
-3
ラベル
Label
15.4±1
-0
13+1
-0
0.25±0.05
1.4±0.1
6.15±0.1
Cathode Mark
Φ
1.5+0.2
(0.02 クロスバー凹部)
(0.02 Crossbar Recess)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com