Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFMW481ART Datasheet(PDF) 24 Page - NICHIA CORPORATION

Part # NFMW481ART
Description  SPECIFICATIONS FOR WHITE LED
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NFMW481ART Datasheet(HTML) 24 Page - NICHIA CORPORATION

Back Button NFMW481ART Datasheet HTML 20Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 21Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 22Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 23Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 24Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 25Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 26Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 27Page - NICHIA CORPORATION NFMW481ART Datasheet HTML 28Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 40 page
background image
NICHIA STS-DA1-4530B <Cat.No.170830>
23
FORWARD CURRENT CHARACTERISTICS / TEMPERATURE CHARACTERISTICS
NFMW481AR
管理番号
No. STS-DA7-10423A
16
18
20
22
24
26
28
-60
-30
0
30
60
90
120 150
TaVf
0.4
0.6
0.8
1.0
1.2
1.4
-60 -30
0
30
60
90
120 150
TaIv
0
100
200
300
400
16
18
20
22
24
26
28
VfIf
350
ジャンクション温度-相対光束特性
Junction Temperature vs
Relative Luminous Flux
0.0
0.5
1.0
1.5
2.0
2.5
0
100
200
300
400
IfIv
順電流-相対光束特性
Forward Current vs
Relative Luminous Flux
順電流
Forward Current(mA)
順電圧-順電流特性
Forward Voltage vs
Forward Current
ジャンクション温度-順電圧特性
Junction Temperature vs
Forward Voltage
順電圧
Forward Voltage(V)
ジャンクション温度
Junction Temperature(°C)
ジャンクション温度
Junction Temperature(°C)
T
J =25°C
T
J =25°C
IFP=200mA
IFP=200mA
* 本特性は色度ランクsm27x、sm30x、sm35x、sm40x、sm45x(ランク座標範囲内の特別ランクを含む)、
演色性ランク
R70 に対応しています。
The graphs above show the characteristics for sm27x, sm30x, sm35x, sm40x, sm45x,
R70 LEDs, including sub-bins, of this product.
* 本特性は参考です。
All characteristics shown are for reference only and are not guaranteed.
* パルス駆動により測定しています。
The following graphs show the characteristics measured in pulse mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com