Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW5AM Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LBW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5AM Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LBW5AM Datasheet HTML 5Page - OSRAM GmbH LBW5AM Datasheet HTML 6Page - OSRAM GmbH LBW5AM Datasheet HTML 7Page - OSRAM GmbH LBW5AM Datasheet HTML 8Page - OSRAM GmbH LBW5AM Datasheet HTML 9Page - OSRAM GmbH LBW5AM Datasheet HTML 10Page - OSRAM GmbH LBW5AM Datasheet HTML 11Page - OSRAM GmbH LBW5AM Datasheet HTML 12Page - OSRAM GmbH LBW5AM Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Version 1.1
LB W5AM
2013-06-19
9
Relative Forward Voltage 5) page20
Relative Vorwärtsspannung 5) Seite 20
VF = VF - VF(25°C) = f(Tj); IF = 350 mA
Relative Luminous Flux 5) page 20
Relative Lichtstrom 5) Seite 20
V/ V(25 °C) = f(Tj); IF = 350 mA
Dominant Wavelength 5) page 20
Dominante Wellenlänge 5) Seite 20
dom = f(Tj); IF = 350 mA
OHL06027
-40 -20 0 20 40 60 80 100120
Tj (°C)
-0.3
-0.2
-0.1
0.0
0.1
0.2
0.3
ΔV
F (V)
OHL06159
-40 -20 0 20 40 60 80 100 120
Tj (°C)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
Φ
E
Φ
E (25 °C )
OHL06083
-40 -20 0 20 40 60 80 100 120
-10
-5
0
5
10
Δλ
(nm)
dom
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com