Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW5AM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LBW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5AM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LBW5AM Datasheet HTML 8Page - OSRAM GmbH LBW5AM Datasheet HTML 9Page - OSRAM GmbH LBW5AM Datasheet HTML 10Page - OSRAM GmbH LBW5AM Datasheet HTML 11Page - OSRAM GmbH LBW5AM Datasheet HTML 12Page - OSRAM GmbH LBW5AM Datasheet HTML 13Page - OSRAM GmbH LBW5AM Datasheet HTML 14Page - OSRAM GmbH LBW5AM Datasheet HTML 15Page - OSRAM GmbH LBW5AM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
2013-06-19
12
Version 1.1
LB W5AM
Gewicht:
250 mg
Mark:
Cathode
Markierung:
Kathode
ESD information:
LED is protected by ESD device which is connected
in parallel to LED-Chip.
ESD Information:
Die LED enthält ein ESD-Bauteil, das parallel zum
Chip geschalten ist.
Corrosion robustness better than EN 60068-2-60 (method 4):
with enhanced corrosion test: 40°C / 90%rh / 15ppm H2S / 336 h
Korrosionsfestigkeit besser als EN 60068-2-60 (method 4)
:
mit erweitertem Korrosionstest: 40°C / 90%rh / 15ppm H2S / 336 h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com