Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW5AM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LBW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5AM Datasheet(HTML) 5 Page - OSRAM GmbH

  LBW5AM Datasheet HTML 1Page - OSRAM GmbH LBW5AM Datasheet HTML 2Page - OSRAM GmbH LBW5AM Datasheet HTML 3Page - OSRAM GmbH LBW5AM Datasheet HTML 4Page - OSRAM GmbH LBW5AM Datasheet HTML 5Page - OSRAM GmbH LBW5AM Datasheet HTML 6Page - OSRAM GmbH LBW5AM Datasheet HTML 7Page - OSRAM GmbH LBW5AM Datasheet HTML 8Page - OSRAM GmbH LBW5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.1
LB W5AM
2013-06-19
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen 2) Seite 20
Group
Luminous Flux
1) page 20
Luminous Flux
1) page 20
Luminous Intensity
5) page 20
Gruppe
Lichtstrom 1)Seite 20
Lichtstrom 1) Seite 20
Lichtstärke 5) Seite 20
(min.) V [lm]
(max.) V [lm]
(typ.) IV [cd]
GX
18
21
5
GY
21
24
6
GZ
24
28
7
HX
28
33
8
HY
33
39
9
Note: The standard shipping format for serial types includes either a lower family group, an upper family group or
a grouping of all individual brightness groups of only a few brightness groups. Individual brightness groups
cannot be ordered.
Anm.: Die Standardlieferform von Serientypen beinhaltet entweder eine untere Familiengruppe, eine obere
Familiengruppe oder eine Sammelgruppe, die aus nur wenigen Helligkeitsgruppen besteht. Einzelne
Helligkeitsgruppen sind nicht bestellbar.
Group
blue
Gruppe
(min.) dom
[nm]
(max.) dom
[nm]
2
459
464
3464
468
4
468
472
5
472
476
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com