Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW5AM Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LBW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5AM Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LBW5AM Datasheet HTML 12Page - OSRAM GmbH LBW5AM Datasheet HTML 13Page - OSRAM GmbH LBW5AM Datasheet HTML 14Page - OSRAM GmbH LBW5AM Datasheet HTML 15Page - OSRAM GmbH LBW5AM Datasheet HTML 16Page - OSRAM GmbH LBW5AM Datasheet HTML 17Page - OSRAM GmbH LBW5AM Datasheet HTML 18Page - OSRAM GmbH LBW5AM Datasheet HTML 19Page - OSRAM GmbH LBW5AM Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
2013-06-19
16
Version 1.1
LB W5AM
Tape and Reel
Gurtverpackung
24 mm tape with 200 pcs. on 180 mm reel, 1200 pcs. on 330 mm reel
Tape dimensions in mm (inch)
Tape dimensions in mm (inch)
Reel dimensions in mm (inch)
Reel dimensions in mm (inch)
Reel dimensions in mm (inch)
W
P0
P1
P2
D0
E
F
24 +0.3/-0.1
4 ± 0.1
(0.157 ±
0.004)
8 ± 0.1
(0.315 ±
0.004)
or
12 ± 0.1
(0.472 ±
0.004)
2 ± 0.1
(0.079 ±
0.004)
1.5 ± 0.1
(0.059 +
0.004)
1.75 ± 0.1
(0.069 ±
0.004)
11.5 ± 0.05
(0.453 ±
0.004)
A
W
Nmin
W1
W2max
180 (7)
24 (0.945)
60 (2.362) / 100
(3.937)
24.4 + 2 (0.646 +
0.079)
30.4 (1.197)
A
W
Nmin
W1
W2max
330 (13)
24 (0.945)
60 (2.362) / 100
(3.937)
24.4 + 2 (0.646 +
0.079)
30.4 (1.197)
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324
Label
Leader:
Trailer:
Direction of unreeling
min. 160 mm *
min. 400 mm *
*) Dimensions acc. to IEC 60286-3; EIA 481-D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com