Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW5AM Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LBW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5AM Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LBW5AM Datasheet HTML 6Page - OSRAM GmbH LBW5AM Datasheet HTML 7Page - OSRAM GmbH LBW5AM Datasheet HTML 8Page - OSRAM GmbH LBW5AM Datasheet HTML 9Page - OSRAM GmbH LBW5AM Datasheet HTML 10Page - OSRAM GmbH LBW5AM Datasheet HTML 11Page - OSRAM GmbH LBW5AM Datasheet HTML 12Page - OSRAM GmbH LBW5AM Datasheet HTML 13Page - OSRAM GmbH LBW5AM Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
2013-06-19
10
Version 1.1
LB W5AM
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 25 °C
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle, TS = 85 °C
80
Do not use current below 100 mA
0
200
100
0
500
300
400
60
40
20
800
600
700
1000
900
F
I (mA)
130
100
T (°C)
S
OHL04372
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
I
F
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =
0.8
-5
F
I
A
tp
s
OHL04374
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
10
P
t
=
D
T
T
t
P
I
F
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
0.5
1
0.01
0.02
0.05
0.1
0.2
0.005
D =



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com