Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LBW5AM Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LBW5AM
Description  white SMT package with clear silicone lens, chip level conversion
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBW5AM Datasheet(HTML) 4 Page - OSRAM GmbH

  LBW5AM Datasheet HTML 1Page - OSRAM GmbH LBW5AM Datasheet HTML 2Page - OSRAM GmbH LBW5AM Datasheet HTML 3Page - OSRAM GmbH LBW5AM Datasheet HTML 4Page - OSRAM GmbH LBW5AM Datasheet HTML 5Page - OSRAM GmbH LBW5AM Datasheet HTML 6Page - OSRAM GmbH LBW5AM Datasheet HTML 7Page - OSRAM GmbH LBW5AM Datasheet HTML 8Page - OSRAM GmbH LBW5AM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2013-06-19
4
Version 1.1
LB W5AM
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Wavelength at peak emission
Wellenlänge d. emittierten Lichtes
(typ.)
peak
465
nm
Dominant Wavelength 2)page 20
Dominantwellenlänge 2) Seite 20
(min.)
(typ.)
(max.)
dom
dom
dom
459
470
476
nm
nm
nm
Spectral bandwidth at 50% Irel max
Spektrale Bandbreite b. 50% Irel max
(typ.)
25
nm
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2
170
°
Forward voltage 3) page 20
Durchlassspannung 3)Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
2.70
3.20
3.70
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Thermal resistance junction / solder point
4) page 20
Wärmewiderstand Sperrschicht / Lötpad
4) Seite 20
(typ.)
(max.)
Rth JS
Rth JS
6.5
11
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com