Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWUWS2W Datasheet(PDF) 8 Page - OSRAM GmbH

Part # LECWUWS2W
Description  compact lightsource in SMT technology with glass window on top
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWUWS2W Datasheet(HTML) 8 Page - OSRAM GmbH

Back Button LECWUWS2W Datasheet HTML 4Page - OSRAM GmbH LECWUWS2W Datasheet HTML 5Page - OSRAM GmbH LECWUWS2W Datasheet HTML 6Page - OSRAM GmbH LECWUWS2W Datasheet HTML 7Page - OSRAM GmbH LECWUWS2W Datasheet HTML 8Page - OSRAM GmbH LECWUWS2W Datasheet HTML 9Page - OSRAM GmbH LECWUWS2W Datasheet HTML 10Page - OSRAM GmbH LECWUWS2W Datasheet HTML 11Page - OSRAM GmbH LECWUWS2W Datasheet HTML 12Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Version 2.4 (not for new design)
LE CWUW S2W
2017-09-12
8
Durchlassstrom pro Chip
2) Seite 19
Forward Current per chip
2) page 19
IF = f (VF); TJ = 25 °C
Relativer Lichtstrom
2) 5) Seite 19
Relative Luminous Flux
2) 5) page 19
Φ
VV(700 mA) = f (IF); TJ = 25 °C; ultra white
Relativer Lichtstrom
2) 5) Seite 19
Relative Luminous Flux
2) 5) page 19
Φ
VV(700 mA) = f (IF); TJ = 25 °C; warm white
LE CWUW S2W (UW)
2,8
3,0
3,2
3,4
3,6
VF [V]
200
400
600
800
IF [mA]
LE CWUW S2W (UW)
10
0
20
0
30
0
40
0
50
0
60
0
70
0
80
0
90
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
ΦV
ΦV(700mA)
LE CWUW S2W (CW)
10
0
20
0
30
0
40
0
50
0
60
0
70
0
80
0
90
0
IF [mA]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
ΦV
ΦV(700mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com