Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWUWS2W Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LECWUWS2W
Description  compact lightsource in SMT technology with glass window on top
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWUWS2W Datasheet(HTML) 4 Page - OSRAM GmbH

  LECWUWS2W Datasheet HTML 1Page - OSRAM GmbH LECWUWS2W Datasheet HTML 2Page - OSRAM GmbH LECWUWS2W Datasheet HTML 3Page - OSRAM GmbH LECWUWS2W Datasheet HTML 4Page - OSRAM GmbH LECWUWS2W Datasheet HTML 5Page - OSRAM GmbH LECWUWS2W Datasheet HTML 6Page - OSRAM GmbH LECWUWS2W Datasheet HTML 7Page - OSRAM GmbH LECWUWS2W Datasheet HTML 8Page - OSRAM GmbH LECWUWS2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
2017-09-12
4
Version 2.4 (not for new design)
LE CWUW S2W
Kennwerte
Characteristics (T
S = 25 °C; IF = 700 mA; per Chip)
Bezeichnung
Parameter
Symbol
Symbol
Werte
Values
Einheit
Unit
warm white
ultra white
Farbkoordinaten nach CIE 1931
3) Seite 19 (typ.)
Chromaticity coordinates
(typ.)
acc. to CIE 1931
3) page 19
x
y
0.46
0.41
0.30
0.30
–
–
Abstrahlwinkel bei 50 %
Ι
V (Vollwinkel) (typ.)
Viewing angle at 50 %
Ι
V
2
ϕ
120
Grad
deg.
Durchlassspannung pro Chip
4) Seite 19
(min.)
Forward voltage per chip
4) page 19
(typ.)
(max.)
V
F
V
F
V
F
2.90
3.45
4.00
V
V
V
Sperrstrom
Reverse current
I
R
not designed for
reverse operation
µA
Abstrahlende Fläche
(typ.)
Radiating Surface
A
2.1 x 2.1
mm²
Partieller Lichtfluss
Partial flux acc. CIE 127:2007
(typ.)
(Φ
E/V 120° = x * ΦE/V 180°)
Φ
E/V, 120°
0.82
Wärmewiderstand Sperrschicht / Solderpad
Thermal resistance junction / solderpad
R
th JS real
R
th JS real
1.8 (typ.)
2.3 (max.)
K/W
K/W
Wärmewiderstand Sperrschicht / Solderpad
Thermal resistance junction / solderpad
n
LED = 17 %
R
th JS el
R
th JS el
1.5 (typ.)
1.9 (max.)
K/W
K/W
Rth max based on statsistic values (6 Sigma)
R
th max basiert auf statistischen Werten (6 Sigma)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com