Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWUWS2W Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LECWUWS2W
Description  compact lightsource in SMT technology with glass window on top
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWUWS2W Datasheet(HTML) 1 Page - OSRAM GmbH

  LECWUWS2W Datasheet HTML 1Page - OSRAM GmbH LECWUWS2W Datasheet HTML 2Page - OSRAM GmbH LECWUWS2W Datasheet HTML 3Page - OSRAM GmbH LECWUWS2W Datasheet HTML 4Page - OSRAM GmbH LECWUWS2W Datasheet HTML 5Page - OSRAM GmbH LECWUWS2W Datasheet HTML 6Page - OSRAM GmbH LECWUWS2W Datasheet HTML 7Page - OSRAM GmbH LECWUWS2W Datasheet HTML 8Page - OSRAM GmbH LECWUWS2W Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
LE CWUW S2W
OSRAM OSTAR Stage
Datasheet
Version 2.4 (not for new design)
2017-09-12
1
Compact lightsource in SMT technology, glass
window on top, RoHS compliant
Features
• Package: compact lightsource in SMT
technology with glass window on top
• Technology: ThinGaN
• Color: warm white x = 0.46, y = 0.41 (acc. to
CIE 1931)
ultra white x = 0.30, y = 0.30 (acc. to CIE 1931)
• ESD-withstand voltage: up to 2 kV acc. to
JESD22-A114-F
• Viewing angle at 50% I
V: 120°
Applications
• Stage lighting
• Architectural lighting (effect- and accent
lighting)
Kompakte Lichtquelle in SMT Technologie,
Abdeckung mit Glasfenster, RoHS konform
Besondere Merkmale
• Gehäusetyp: Kompakte Lichtquelle in SMT
Technologie mit Glasabdeckung
• Technologie: ThinGaN
• Farbe: warm white x = 0.46, y = 0.41 (acc. to
CIE 1931)
ultra white x = 0.30, y = 0.30 (acc. to CIE 1931)
• ESD-Festigkeit: ESD-sicher bis 2 kV nach
JESD22-A114-F
• Abstrahlwinkel bei 50% I
V: 120°
Anwendungen
• Bühnenbeleuchtung
• Gebäudebeleuchtung (Effekt- und
Akzentbeleuchtung


Similar Part No. - LECWUWS2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LECWE2A OSRAM-LECWE2A Datasheet
475Kb / 18P
Lighting without Optics
LECWE2A-KZMZ-H3K5 OSRAM-LECWE2A-KZMZ-H3K5 Datasheet
475Kb / 18P
Lighting without Optics
LECWE2A-KZMZ-L3M5 OSRAM-LECWE2A-KZMZ-L3M5 Datasheet
475Kb / 18P
Lighting without Optics
LECWE2A-KZMZ-N3P5 OSRAM-LECWE2A-KZMZ-N3P5 Datasheet
475Kb / 18P
Lighting without Optics
LECWE2A-KZMZ-Q3R5 OSRAM-LECWE2A-KZMZ-Q3R5 Datasheet
475Kb / 18P
Lighting without Optics
More results

Similar Description - LECWUWS2W

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LEACWUWVS2WJZLX-1 OSRAM-LEACWUWVS2WJZLX-1 Datasheet
1Mb / 23P
compact lightsource in SMT technology with glass window on top
LEAQ7WP-NXPX-23 OSRAM-LEAQ7WP-NXPX-23 Datasheet
766Kb / 21P
compact lightsource in SMT technology with glass window on top
LEATBN7WM OSRAM-LEATBN7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LEBQ9WN-4U4V-24 OSRAM-LEBQ9WN-4U4V-24 Datasheet
697Kb / 21P
compact lightsource in SMT technology with glass window on top
LEUWQ9WP OSRAM-LEUWQ9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-A-Q7WP OSRAM-LE-A-Q7WP Datasheet
863Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-A-Q9WN OSRAM-LE-A-Q9WN Datasheet
664Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-ATB-N7WM OSRAM-LE-ATB-N7WM Datasheet
845Kb / 21P
compact lightsource in SMT technology with glass window on top
LE-B-Q9WN OSRAM-LE-B-Q9WN Datasheet
745Kb / 22P
compact lightsource in SMT technology with glass window on top
LE-UW-Q9WP OSRAM-LE-UW-Q9WP Datasheet
861Kb / 22P
compact lightsource in SMT technology with glass window on top
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com