Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LECWUWS2W Datasheet(PDF) 18 Page - OSRAM GmbH

Part # LECWUWS2W
Description  compact lightsource in SMT technology with glass window on top
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LECWUWS2W Datasheet(HTML) 18 Page - OSRAM GmbH

Back Button LECWUWS2W Datasheet HTML 11Page - OSRAM GmbH LECWUWS2W Datasheet HTML 12Page - OSRAM GmbH LECWUWS2W Datasheet HTML 13Page - OSRAM GmbH LECWUWS2W Datasheet HTML 14Page - OSRAM GmbH LECWUWS2W Datasheet HTML 15Page - OSRAM GmbH LECWUWS2W Datasheet HTML 16Page - OSRAM GmbH LECWUWS2W Datasheet HTML 17Page - OSRAM GmbH LECWUWS2W Datasheet HTML 18Page - OSRAM GmbH LECWUWS2W Datasheet HTML 19Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
2017-09-12
18
Version 2.4 (not for new design)
LE CWUW S2W
Anm.:
Wegen der Streichung der LED aus der IEC 60825-1 (2nd edition 2007-03) erfolgt die Bewertung der
Augesicherheit nach dem Standard CIE S009/E:2002 ("photobiological safety of lamps and lamp systems") /
IEC 62471 (1st edition 2006-07).Im Risikogruppensystem dieser CIE- Norm erfüllen die in diesem Datenblatt
angegebenen LED die "moderate risk"- Gruppe (die sich im "sichtbaren" Spektralbereich auf eine
Expositionsdauer von 0,25 s bezieht). Unter realen Umständen (für Expositionsdauer, Augenpupille,
Betrachtungsabstand) geht damit von diesen Bauelementen keinerlei Augengefährdung aus.Grundsätzlich
sollte jedoch erwähnt werden, dass intensive Lichtquellen durch ihre Blendwirkung ein hohes sekundäres
Gefahrenpotenzial besitzen. Wie nach dem Blick in andere helle Lichtquellen (z.B. Autoscheinwerfer) auch,
können temporär eingeschränktes Sehvermögen und Nachbilder je nach Situation zu Irritationen,
Belästigungen, Beeinträchtigungen oder sogar Unfällen führen.
Note:
Due to the cancellation of the LED from IEC 608251 (2nd edition 2007-03) , the evaluation of eye safety occurs
according to the dual IEC/CIE logo standard CIE S009/E:2002 ("photobiological safety of lamps and lamp
systems")- IEC 62471 (1st edition 2006-07). Within the risk grouping system of this CIE standard, the LEDs
specified in this data sheet fall into the "lmoderate risk" group (relating to devices in the visible spectrum with
an exposure time of 0.25s). Under real circumstances (for exposure time, eye pupils, observation distance), it
is assumed that no endangerment to the eye exists from these devices. As a matter of principle, however, it
should be mentioned that intense light sources have a high secondary exposure potential due to their blinding
effect. As is also true when viewing other bright light sources (e.g. headlights), temporary reduction in visual
acuity and afterimages can occur, leading to irritation, annoyance, visual impairment, and even accidents,
depending on the situation.
Attention please!
The information describes the type of component and shall not be considered as assured characteristics.
Terms of delivery and rights to change design reserved. Due to technical requirements components may contain
dangerous substances. For information on the types in question please contact our Sales Organization.
If printed or downloaded, please find the latest version in the Internet.
Packing
Please use the recycling operators known to you. We can also help you – get in touch with your nearest sales office.
By agreement we will take packing material back, if it is sorted. You must bear the costs of transport. For packing
material that is returned to us unsorted or which we are not obliged to accept, we shall have to invoice you for any costs
incurred.
Components used in life-support devices or systems must be expressly authorized for such purpose! Critical
components7) page 19 may only be used in life-support devices or systems8) page 19 with the express written approval of
OSRAM OS.
Revision History: 2017-09-12
Previous Version:
Version
Subjects
Date of change
2.0
OS-IN-2013-031
2013-11-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com