Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 13 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 13 Page - Active-Semi, Inc

Back Button ACT2804 Datasheet HTML 9Page - Active-Semi, Inc ACT2804 Datasheet HTML 10Page - Active-Semi, Inc ACT2804 Datasheet HTML 11Page - Active-Semi, Inc ACT2804 Datasheet HTML 12Page - Active-Semi, Inc ACT2804 Datasheet HTML 13Page - Active-Semi, Inc ACT2804 Datasheet HTML 14Page - Active-Semi, Inc ACT2804 Datasheet HTML 15Page - Active-Semi, Inc ACT2804 Datasheet HTML 16Page - Active-Semi, Inc ACT2804 Datasheet HTML 17Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 13 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
APPLICATIONS INFORMATION
Fast Charge Current Control
The block diagram in Figure 2 shows how battery
current is sensed for charge current control.
Figure 2: Battery current monitoring
A small percentage of charge current is sensed and
sinked into a resistor connected at pin ICST. In
charge mode, this would allow user to set fast
charge current based on the following equation.
For
example,
IC=1A
with
RCS=25mΩ
and
RICST=8kΩ.
Recommended RICST is shown in following table:
During discharge mode, inputs of battery current
sense amp are flipped to sense discharge current,
and voltage level at pin ICST can be used (by the
system) to monitor the magnitude of discharge
current based on the following equation.
For example: VICST=0.4V with I_DISCHARGE=1A,
and RICST=8kΩ.
LED Threshold Setting
LED1, LED2, LED3 and LED4 thresholds are
adjustable with external resistors RLS1, RLS2, RLS3,
and RLS4 connected from LEDLS1, LEDLS2,
LEDLS3, LEDLS4 to APNG respectively, as shows
in Figure3.
Figure 3: LED threshold setting
The following equation shows how the external
resistor shifts the LED thresholds. The range of
LED1‐LED4 indicator threshold shift from 5.5V‐
8.8V.
VLED Example is given by the below table:
LED Hysteresis Window Setting
The adjustable LED voltage thresholds are set for
HZ mode. In charge mode, the measured battery
voltage is higher than in HZ mode, while in
discharge mode, the measured battery voltage is
lower. To have relatively better “fuel gauge” for
battery, a programmable hysteresis window will
help. When the battery voltage goes up (in charge
mode), the thresholds become higher, when the
battery voltage goes down, lower thresholds are
applied.
ACT2804 provide HYST pin to set hysteresis
window for each indication level as shows in Figure
3 .
RLSx
(kΩ)
VLEDx
(V)
40
8.2
43.2
8
47
7.798
49.1
7.7
57
7.395
60
7.3
67.5
7.1
RLSx
(kΩ)
VLEDx
(V)
72
7
90
6.7
108
6.5
120
6.4
135
6.3
180
6.1
270
5.9
)
1
(
)
(
*
)
(
*
5
1000
)
(
CS
k
R
m
R
A
Ic
ICST
IC (A)
RICST
Units
RCS=25mΩ
RCS=50mΩ
0.8
10
5
kΩ
0.9
8.89
4.44
kΩ
1.0
8
4
kΩ
1.1
7.27
3.64
kΩ
1.2
6.67
3.33
kΩ
1.3
6.15
3.08
kΩ
1.4
5.71
2.86
kΩ
1.5
5.33
2.67
kΩ
)
2
(
20
k
R
I
V
ICST
DISCHARGE
ICST
)
3
(
)
(
R
k
108
5
.
5
LSx
)
(
k
V
V
V
LEDX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com