Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 10 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 10 Page - Active-Semi, Inc

Back Button ACT2804 Datasheet HTML 6Page - Active-Semi, Inc ACT2804 Datasheet HTML 7Page - Active-Semi, Inc ACT2804 Datasheet HTML 8Page - Active-Semi, Inc ACT2804 Datasheet HTML 9Page - Active-Semi, Inc ACT2804 Datasheet HTML 10Page - Active-Semi, Inc ACT2804 Datasheet HTML 11Page - Active-Semi, Inc ACT2804 Datasheet HTML 12Page - Active-Semi, Inc ACT2804 Datasheet HTML 13Page - Active-Semi, Inc ACT2804 Datasheet HTML 14Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 10 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
I
2C DESCRIPTION
PROGRAMMABLE PARAMETER LIST
ITEMS
STEP/STATUS
DEFAULT
COMMENT
Input Current Limit and Q1
Input Current Limit
0.6A,1.25A, 2.75A, 3.8A
3.8A
+/
-10%
VIN UVLO
4.2V, 4.5V
4.2V
Buck Converter/Discharge Mode
Discharge Cut-Off Voltage
2.7V, 2.8V, 2.9V, 3.0V
2.9V
VOUT1 and VOUT2 Current Limit
1.25A/2.6A or 2.6A/1.25A
1.25A/2.65A
Switch by I2C
VOUT Voltage
5.07V, 5.12V, 5.17V, 5.22V
5.07V
Boost Converter/Charge Mode
Battery EOC Voltage
4.35V, 4.20V, 4.15V, 4.1V
4.20V
(
ACT2804QJ-T)
4.35V
(
ACT2804QJ-T0435)
Pre-charge voltage threshold
2.8V, 3.0V
2.8V
Pre-charge Current
10%, 15%, 20%, 25%
15%
EOC Current
6%, 10%, 14%, 18%
10%
Fast charge current
60%, 80%, 100%, 120%
100%
VCC ON/OFF in HZ Mode
ON, OFF
OFF
System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com