Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT2804 Datasheet HTML 5Page - Active-Semi, Inc ACT2804 Datasheet HTML 6Page - Active-Semi, Inc ACT2804 Datasheet HTML 7Page - Active-Semi, Inc ACT2804 Datasheet HTML 8Page - Active-Semi, Inc ACT2804 Datasheet HTML 9Page - Active-Semi, Inc ACT2804 Datasheet HTML 10Page - Active-Semi, Inc ACT2804 Datasheet HTML 11Page - Active-Semi, Inc ACT2804 Datasheet HTML 12Page - Active-Semi, Inc ACT2804 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
ELECTRICAL CHARACTERISTICS
(VIN = 5V, TA = 25°C, unless otherwise specified.)
Notes: 1. Comply to I2C timings for 1MHIZ operation - “Fast Mode Plus”
2. No internal timeout for I2C operations
3. This is a I2C system specification only. Rise and Fall time of SCL & SDA not controlled by the device.
4. Device Address is 7’h5A - Read Address is 8’hB4 and write is 8’hB5
SDA
SCL
tST
tSU
tHD
tSP
tSCL
Start
condition
Stop
condition
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SCL, SDA Input Low
VCC= 5V
0.4
V
SCL, SDA Input High
VCC= 5V
1.25
V
SDA Leakage Current
SDA=5V
1
µA
SDA Output Low
IOL = 5mA
0.35
V
SCL Clock Frequency, fSCL
0
1000
kHz
SCL Low Period, tLOW
0.5
µs
SCL High Period, tHIGH
0.26
µs
SDA Data Setup Time, tSU
50
ns
SDA Data Hold Time, tHD
See Note: 1
0
ns
Start Setup Time, tST
For Start Condition
260
ns
Stop Setup Time, tSP
For Stop Condition
260
ns
Capacitance on SCL or SDA Pin
10
pF
SDA Fall Time SDA, Tof
Device requirement
120
ns
Rise Time of both SDA and SCL, tr
See Note: 3
120
ns
Fall Time of both SDA and SCL, tf
See Note: 3
120
ns
Pulse Width of spikes must be sup-
pressed on SCL and SDA
0
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com