Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 3 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 3 Page - Active-Semi, Inc

  ACT2804 Datasheet HTML 1Page - Active-Semi, Inc ACT2804 Datasheet HTML 2Page - Active-Semi, Inc ACT2804 Datasheet HTML 3Page - Active-Semi, Inc ACT2804 Datasheet HTML 4Page - Active-Semi, Inc ACT2804 Datasheet HTML 5Page - Active-Semi, Inc ACT2804 Datasheet HTML 6Page - Active-Semi, Inc ACT2804 Datasheet HTML 7Page - Active-Semi, Inc ACT2804 Datasheet HTML 8Page - Active-Semi, Inc ACT2804 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 3 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
PIN DESCRIPTIONS
PIN
NAME
DESCRIPTION
1
CSN2
Output current sense negative input for channel 2.
2
CSN1
Output current sense negative input for channel 1.
3
CSP
Output current sense positive input.
4, 5
VOUT
Power Output Pin.
6, 7
VIN
USB or AC Adapter input.
8
OVGATE
Output to drive optional external NMOS protect IC from over voltage.
9
OVSENS
USB or AC Adapter input sense.
10
SCL
I2C clock input.
11
SDA
I2C data input.
12
PGND
Power ground. Directly connect this pin to IC thermal PAD and connect 10uF or 22uF high
quality capacitors from BAT to PGND on the same layer with IC.
13
HSB
High side bias pin. Connect a 47nF ceramic capacitor from HSB to SW.
14,15
SW
Internal switch connected to a terminal of the output inductor.
16,17
BAT
BAT connection. Connect it to battery current sense positive terminal. Bypass BAT pin to PGND
pin with high quality ceramic capacitors on the same layer with IC.
18
BATS
Battery charge current sense input. Connect to charge sense resistor positive terminal with
Kevin sense.
19
BATP
Connect to charge sense resistor negative terminal and battery positive terminal.
20
BATC
Battery central point connection. Connect to dual battery cell common terminal.
21
CBD
Cell balancing discharge. Connect to a discharge resistor from this pin to battery common
terminal.
22
BATN
Battery negative terminal.
23
ICST
Fast charge current setting pin. Connect a resistor from this pin to AGND to set the charging
current. The current setting ranges from 0.5A-1.8A. The voltage at this pin reflects the charge
current and discharge current in charge mode and discharge mode, respectively.
24
TH
Temperature sensing input. Connect to a battery thermistor terminal.
25
VREG
+
5V Bias output. Connect a 1.0uF to this pin. This pin supplies up to 50mA output current. The
bias turns on in charge mode and discharge mode. Internal register bit can shut down the bias.
Bias turns off in HZ mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com