Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 5 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 5 Page - Active-Semi, Inc

  ACT2804 Datasheet HTML 1Page - Active-Semi, Inc ACT2804 Datasheet HTML 2Page - Active-Semi, Inc ACT2804 Datasheet HTML 3Page - Active-Semi, Inc ACT2804 Datasheet HTML 4Page - Active-Semi, Inc ACT2804 Datasheet HTML 5Page - Active-Semi, Inc ACT2804 Datasheet HTML 6Page - Active-Semi, Inc ACT2804 Datasheet HTML 7Page - Active-Semi, Inc ACT2804 Datasheet HTML 8Page - Active-Semi, Inc ACT2804 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 5 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
ABSOLUTE MAXIMUM RATINGS
PARAMETER
VALUE
UNIT
LEDLS1, LEDLS2, LEDLS3, LEDLS4, RIMC, HYST and PT to GND
-0.3 to +6
V
LED1, LED2, LED3 and LED4 to GND
-0.3 to +6
V
PB, DM, DP, TH, SCL, SDA and ICST to GND
-0.3 to +6
V
OVSENS to GND
-0.3 to +16
V
OVGATE to GND
-0.3 to +12
V
VIN, VOUT and VREG to GND
-0.3 to +6
V
CSP to CSN2, CSP to CSN1, CSP to VOUT
-0.3 to +0.3
V
BAT to BATS, BATS to BATP
-0.3 to +0.3
V
BATC to BATN
-0.3 to +6
V
BAT to BATC
-0.3 to +6
V
BATN to GND
-0.3 to +0.3
V
CBD to BAT
-6 to +0.3
V
BATN to CBD
-6 to +0.3
V
SW to PGND
-0.3 to +12
V
HSB to SW
-0.3 to +6
V
Junction to Ambient Thermal Resistance (θJA)
40
℃
/W
Operating Junction Temperature (TJ)
-40 to 150
℃
Operating Temperature Range (TA)
-40 to 85
℃
Store Temperature
-55 to 150
℃
Lead Temperature (Soldering, 10 sec)
300
℃
Do not exceed these limits to prevent damage to the device. Exposure to absolute maximum rating conditions for long
periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com