Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT2804 Datasheet(PDF) 18 Page - Active-Semi, Inc

Part # ACT2804
Description  5V/3.4A Dual Cell Battery Power Manager
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT2804 Datasheet(HTML) 18 Page - Active-Semi, Inc

Back Button ACT2804 Datasheet HTML 14Page - Active-Semi, Inc ACT2804 Datasheet HTML 15Page - Active-Semi, Inc ACT2804 Datasheet HTML 16Page - Active-Semi, Inc ACT2804 Datasheet HTML 17Page - Active-Semi, Inc ACT2804 Datasheet HTML 18Page - Active-Semi, Inc ACT2804 Datasheet HTML 19Page - Active-Semi, Inc ACT2804 Datasheet HTML 20Page - Active-Semi, Inc ACT2804 Datasheet HTML 21Page - Active-Semi, Inc ACT2804 Datasheet HTML 22Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Rev 3, Apr-17-2017
Innovative Power
TM
- 18 -
www.active-semi.com
Copyright © 2017 Active-Semi, Inc.
ACT2804
Table 5: BOM List
ITEM
REFERENCE
DESCRIPTION
QTY
MANUFACTURER
1
C1
Ceramic capacitor, 4.7uF/10V, X7R, 0805
1
Murata/TDK
2
C2,C3,C4,C5
Ceramic capacitor, 22uF/10V, X7R, 1206
4
Murata/TDK
3
C8,C10,C11
Ceramic capacitor, 22uF/16V, X7R, 1206
3
Murata/TDK
4
C6,C9
Ceramic capacitor, 0.1uF/16V, X7R, 0603
2
Murata/TDK
5
C7
Ceramic capacitor, 47nF/10V, X7R, 0603
1
Murata/TDK
6
C12
Ceramic capacitor, 2.2nF/16V, X7R, 0603
1
Murata/TDK
7
C13
Ceramic capacitor, 1uF/10V, X7R, 0603
1
Murata/TDK
8
C14
Ceramic capacitor, 100nF/16V, X7R, 0603
1
Murata/TDK
9
C15
Ceramic capacitor, 2.2uF/10V, X7R, 0603
1
Murata/TDK
10
C16,C17
Ceramic capacitor, 3.3uF/10V, X7R, 0603
2
Murata/TDK
11
D1
MBR1020VL, 20V, 1A Schottky, optional
1
Panjit
12
L1
Core SWPA8040S4R7NT 4.7uH 5.9A
1
Sunlord
13
LED1,LED2, LED3,LED4 LED, 0603, Blue
4
LED Manu
14
R1
Chip Resistor, 2.7Ω, 1/8W, 1%, 0805
1
Murata/TDK
15
R2,R3,R4
Chip Resistor, 25mΩ, 1/2W, 1%, 1206
3
SART
16
R5
Chip Resistor, 8kΩ, 1/10W, 1%, 0603
1
Murata/TDK
17
R6
Chip Resistor, 83kΩ, 1/10W, 1%, 0603
1
Murata/TDK
18
R7
Chip Resistor, 63.5kΩ, 1/10W, 1%, 0603
1
Murata/TDK
19
R8
Chip Resistor, 51.4kΩ, 1/10W, 1%, 0603
1
Murata/TDK
20
R9
Chip Resistor, 41.5kΩ, 1/10W, 1%, 0603
1
Murata/TDK
21
R10
Chip Resistor, 12kΩ, 1/10W, 5%, 0603
1
Murata/TDK
22
R11,R12
Chip Resistor, 540kΩ, 1/10W, 1%, 0603
2
Murata/TDK
23
R13
Chip Resistor, 0.47Ω, 1/8W, 5%, 0805
1
Murata/TDK
24
R14,R16
Chip Resistor, 510Ω, 1/10W, 1%, 0603
2
Murata/TDK
25
R15
Chip Resistor, 47Ω, 1/2W, 5%, 1206
1
Murata/TDK
26
R17
Chip Resistor, 3kΩ, 1/10W, 1%, 0603
1
Murata/TDK
28
R19
Chip Resistor, 10Ω, 1/10W, 1%, 0603
1
Murata/TDK
29
R20
Chip Resistor, 200Ω, 1/10W, 5%, 0603, optional
1
Murata/TDK
30
R21
Chip Resistor, 100Ω, 1/10W, 5%, 0603
1
Murata/TDK
31
R22, R23
Chip Resistor, 715kΩ, 1/10W, 5%, 0603
2
Murata/TDK
33
PB
Push Button Switch
1
Nikkai Omron
34
USB
10.2*14.6*7mm, 4P
2
35
Micro-USB
MICRO USB 5P/F SMTB
1
36
U1
IC, ACT2804, QFN 55-40
1
Active-Semi
27
R18
Chip Resistor, 32kΩ, 1/10W, 1%, 0603
1
Murata/TDK
32
RNTC
103AT NTC Thermistor, NXRT15XH103V
1
Murata/TDK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com