Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3115 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3115
Description  High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3115 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3115 Datasheet HTML 1Page - Monolithic Power Systems MP3115 Datasheet HTML 2Page - Monolithic Power Systems MP3115 Datasheet HTML 3Page - Monolithic Power Systems MP3115 Datasheet HTML 4Page - Monolithic Power Systems MP3115 Datasheet HTML 5Page - Monolithic Power Systems MP3115 Datasheet HTML 6Page - Monolithic Power Systems MP3115 Datasheet HTML 7Page - Monolithic Power Systems MP3115 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MP3115 – HIGH-EFFICIENCY 1.3MHz SYNCHRONOUS STEP-UP CONVERTER
MP3115 Rev. 0.9
www.MonolithicPower.com
3
4/12/2016
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
SW
Output Switch Node. SW is the drain of the internal N-Channel and P-Channel MOSFETs.
Connect the inductor to SW to complete the step-up converter.
2
GND
Ground.
3
FB
Regulation Feedback Input. Connect an external resistive voltage divider from the output to FB
to set the output voltage.
4
EN
Regulator On/Off Control Input. A logic high input (VEN > 0.9V) turns on the regulator. A logic
low input (VEN < 0.4V) puts the MP3115 into low current shutdown mode.
5
OUT
Supply Input for the MP3115 and Output Voltage Sense Input. Connect to the output of the
converter.
6
IN
Input Voltage.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com