Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3115 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3115
Description  High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3115 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3115 Datasheet HTML 1Page - Monolithic Power Systems MP3115 Datasheet HTML 2Page - Monolithic Power Systems MP3115 Datasheet HTML 3Page - Monolithic Power Systems MP3115 Datasheet HTML 4Page - Monolithic Power Systems MP3115 Datasheet HTML 5Page - Monolithic Power Systems MP3115 Datasheet HTML 6Page - Monolithic Power Systems MP3115 Datasheet HTML 7Page - Monolithic Power Systems MP3115 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MP3115 – HIGH-EFFICIENCY 1.3MHz SYNCHRONOUS STEP-UP CONVERTER
MP3115 Rev. 0.9
www.MonolithicPower.com
5
4/12/2016
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
C1 = 10µF, C2=22µF, L=1.7µH,R2=20K, TA = +25ºC, unless otherwise noted.
VIN
1V/div.
VSW
2V/div.
IL
1A/div.
VIN
1V/div.
VSW
2V/div.
IL
1A/div.
VIN
0.5V/div.
VSW
2V/div.
VEN
2V/div.
VIN
2V/div.
VSW
2V/div.
IL
0.2A/div.
VIN
2V/div.
VSW
2V/div.
VO
5V/div.
IL
0.2A/div.
VIN
1V/div.
VSW
2V/div.
IL
1A/div.
VIN
0.5V/div.
VSW
2V/div.
VEN
2V/div.
VIN
1V/div.
VSW
2V/div.
IL
1A/div.
Short Circuit
VIN=VEN=2V, VOUT=3.3V
No Load Ripple
VIN=VEN=0.92V, VOUT=3.3V
IOUT=0mA
Full Load Ripple
VIN=VEN=0.95V, VOUT=3.3V
IOUT=150mA
Short Circuit Recovery
VIN=VEN=2V, VOUT=3.3V
20ms/div.
20ms/div.
VOUT
2V/div
VOUT
5V/div
VOUT
10mV/div
VOUT
50mV/div
VOUT
2V/div
VOUT
2V/div
VOUT
2V/div
10ms/div
1ms/div



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com