Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3115 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP3115
Description  High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3115 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP3115 Datasheet HTML 1Page - Monolithic Power Systems MP3115 Datasheet HTML 2Page - Monolithic Power Systems MP3115 Datasheet HTML 3Page - Monolithic Power Systems MP3115 Datasheet HTML 4Page - Monolithic Power Systems MP3115 Datasheet HTML 5Page - Monolithic Power Systems MP3115 Datasheet HTML 6Page - Monolithic Power Systems MP3115 Datasheet HTML 7Page - Monolithic Power Systems MP3115 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
MP3115
High-Efficiency, Single-Cell Alkaline, 1.3MHz
Synchronous Step-up Converter
with Output Disconnect
MP3115 Rev. 0.9
www.MonolithicPower.com
1
4/12/2016
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP3115 is a synchronous, fixed frequency,
current mode step-up converter with output-to-
input disconnect optimized to boost a single AA
Alkaline battery to 2.5V or 3.3V.
It can startup from an input voltage as low as
0.950V and provide in-rush current limiting as
well as output short circuit protection. The
integrated P-Channel synchronous rectified
switch
provides
improved
efficiency
and
eliminates an external schottky diode. The
output disconnect feature allows the output to be
completely discharged, thus allowing the part to
draw less than 1µA of current in shutdown mode.
The 1.3MHz switching frequency allows for the
use of smaller external components and the
internal compensation and soft-start minimize
the external component count, all helping to
produce a compact solution for a wide range of
load current.
The MP3115 regulates the output voltage up to
4.0V or 3.3V at 200mA from a single cell AA
battery, without the use of an external Schottky
diode.
The MP3115 is offered in a SOT23-6 package.
EVALUATION BOARD REFERENCE
Board Number
Dimensions
EV3115DT-00A
L x W x H (5cm x 5cm x 1.2cm)
FEATURES
• Over 90% Efficiency
• Output-to-Input Disconnect in Shutdown
Mode
• Internal Synchronous Rectifier
• Output Voltage up to 4.0V without an
External Schottky Diode
• Inrush
Current
Limiting
and
Internal
Soft-Start
• Internal Compensation
• 1A Minimum Peak Current Limit
• 1.3MHz Fixed Switching Frequency
• Zero Current Shutdown Mode
• Thermal Shutdown
• 6-Pin SOT-23 Package
APPLICATIONS
• Single-cell Alkaline Consumer Products
• MP3 Players
• Wireless Mouse
• RFTags
• Audio Recorders
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
VIN
0.95V to 2.5V
EN
VOUT
3.3V
GND
SW
IN
EN
OUT
FB
MP3115
1
6
4
5
3
2


Similar Part No. - MP3115

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MP31002ABS VISHAY-MP31002ABS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP31002AT1 VISHAY-MP31002AT1 Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP31002AWS VISHAY-MP31002AWS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP31002BBS VISHAY-MP31002BBS Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
MP31002BT1 VISHAY-MP31002BT1 Datasheet
271Kb / 3P
Surface Mount Network
14-Sep-07
More results

Similar Description - MP3115

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6642 SIPEX-SP6642 Datasheet
248Kb / 4P
Single Alkaline Cell, High Efficiency Step-Up DC-DC Converter
SP6644 SIPEX-SP6644 Datasheet
240Kb / 15P
Single/Dual Alkaline Cell, High Efficiency Step-Up DC-DC Converter
logo
Monolithic Power System...
MP3216 MPS-MP3216 Datasheet
421Kb / 10P
36V, 1.3MHz, 0.75A Step-up Converter With Output Disconnect
MP3418 MPS-MP3418 Datasheet
751Kb / 14P
400mA, 1.2MHz, Synchronous, Step-up Converter with Output Disconnect
logo
Exar Corporation
SP6644 EXAR-SP6644 Datasheet
215Kb / 15P
Single/Dual Alkaline Cell, High Efficiency
logo
Monolithic Power System...
MP3414 MPS-MP3414 Datasheet
480Kb / 14P
1.8A,1MHz, Synchronous, Step-up Converter with Output Disconnect
MP3415 MPS-MP3415 Datasheet
673Kb / 17P
3.6A, 1MHz, Synchronous, Step-Up Converter with Output Disconnect
MP3422 MPS-MP3422 Datasheet
456Kb / 16P
6.5A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
MP3423 MPS-MP3423 Datasheet
550Kb / 17P
9A, 600kHz High Efficiency, Synchronous Step-Up Converter with Output Disconnect in 2x2mm QFN Package
logo
ETA SOLUTIONS CO. LIMIT...
ETA1090 ETA-ETA1090 Datasheet
188Kb / 1P
1MHz High Output current High Efficiency Synchronous Step-Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com