Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3115 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3115
Description  High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3115 Datasheet(HTML) 7 Page - Monolithic Power Systems

  MP3115 Datasheet HTML 1Page - Monolithic Power Systems MP3115 Datasheet HTML 2Page - Monolithic Power Systems MP3115 Datasheet HTML 3Page - Monolithic Power Systems MP3115 Datasheet HTML 4Page - Monolithic Power Systems MP3115 Datasheet HTML 5Page - Monolithic Power Systems MP3115 Datasheet HTML 6Page - Monolithic Power Systems MP3115 Datasheet HTML 7Page - Monolithic Power Systems MP3115 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MP3115 – HIGH-EFFICIENCY 1.3MHz SYNCHRONOUS STEP-UP CONVERTER
MP3115 Rev. 0.9
www.MonolithicPower.com
7
4/12/2016
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
COMPONENT SELECTION
Setting the Output Voltage
Set the output voltage by selecting the resistive
voltage divider ratio. The voltage divider drops
the output voltage to the 1.2V feedback voltage.
Use 20kΩ for the low-side resistor (R2) of the
voltage divider. Determine the high-side resistor
(R1) by the equation:
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
−
=
2
R
V
V
V
1
R
FB
FB
OUT
Where VOUT is the output voltage, VFB is the
1.2V feedback voltage and R2=20kΩ.
Selecting the Input Capacitor
An input capacitor is required to supply the AC
ripple current to the inductor while limiting noise
at
the
input
source.
Multi-layer
ceramic
capacitors are recommended as they have
extremely low ESR and are available in small
footprints. Use an input capacitor of 4.7μF or
greater, and place it physically close to the
device.
Selecting the Output Capacitor
A single 4.7µF to 10µF ceramic capacitor
normally provides sufficient output capacitance
for most applications. Larger values (up to 22µF)
may be used to obtain extremely low output
voltage ripple and improve transient response.
The impedance of the ceramic capacitor at the
switching frequency is
dominated
by
its
capacitance, so the output voltage ripple is
mostly independent of ESR. The output voltage
ripple VRIPPLE is calculated as:
(
)
SW
UT
O
IN
UT
O
LOAD
RIPPLE
f
2
C
V
V
V
I
V
×
×
−
=
Where VIN is the input voltage, ILOAD is the load
current, C2 is the capacitance of the output
capacitor and fSW is the 1.3MHz switching
frequency.
Selecting the Inductor
The inductor is required to force the output
voltage higher while being driven by the lower
input voltage. A good rule for determining the
inductance is to allow the peak-to-peak ripple
current to be approximately 30%-50% of the
maximum input current. Make sure that the
peak inductor current is below the minimum
current limit at the duty cycle used to prevent
loss of regulation due to current limit variation.
Calculate the required inductance value L using
the equations:
I
f
V
)
V
-
(V
V
L
SW
OUT
IN
OUT
IN
Δ
×
×
=
η
×
×
=
IN
)
MAX
(
LOAD
OUT
)
MAX
(
IN
V
I
V
I
(
)
)
MAX
(
IN
I
%
50
%
30
I
−
=
Δ
Where ILOAD(MAX) is the maximum load current, ΔI
is the peak-to-peak inductor ripple current and η
is the efficiency. For the MP3115, 4.7µH is
recommended for most applications. Choose an
inductor that does not saturate at the peak
switch current as calculated above with
additional margin to cover for heavy load
transients and extreme startup conditions.
Selecting the Feed-Forward Capacitor
A feed-forward capacitor in parallel with the
high-side resistor R1 can be added to improve
the
output
ripple
at
both
discontinuous
conduction modes and the load transient
response. A 47pF capacitor is recommended
for most applications.
LAYOUT CONSIDERATIONS
High frequency switching regulators require
very careful layout for stable operation and low
noise. All components must be placed as close
to the IC as possible. All feedback components
must be kept close to the FB pin to prevent
noise injection on the FB pin trace. The ground
return of C1 and C2 should be tied close to the
GND pin. See the MP3115 demo board layout
for reference.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com