Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3115 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3115
Description  High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3115 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3115 Datasheet HTML 1Page - Monolithic Power Systems MP3115 Datasheet HTML 2Page - Monolithic Power Systems MP3115 Datasheet HTML 3Page - Monolithic Power Systems MP3115 Datasheet HTML 4Page - Monolithic Power Systems MP3115 Datasheet HTML 5Page - Monolithic Power Systems MP3115 Datasheet HTML 6Page - Monolithic Power Systems MP3115 Datasheet HTML 7Page - Monolithic Power Systems MP3115 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MP3115 – HIGH-EFFICIENCY 1.3MHz SYNCHRONOUS STEP-UP CONVERTER
MP3115 Rev. 0.9
www.MonolithicPower.com
4
4/12/2016
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS
C1 = 10µF, C2=22µF, L=1.7µH,R2=20K, TA = +25ºC, unless otherwise noted.
Efficiency vs.
Load Current
VIN
1V/div.
VOUT
50mV/div.
VEN
2V/div.
VOUT
2V/div.
IIN
0.2A/div.
IOUT
50mA/div.
VOUT
0.1V/div.
Line Regulation
VIN=1.2V to 2V,VOUT=2.5V, IOUT=48mA
VEN=VIN,Resistor Load
VIN=1.2V,VOUT=2.5V,IOUT=0mA to 50mA
VEN=VIN,Resistor Load
Minimum Start
VIN vs. IOUT
IPEAK vs. Duty Cycle
Line Transient
Load Transient
VEN=2V,VIN=1.5V,VOUT =3.3V
IOUT =41mA,CFF=10nF
Inrush Current
Efficiency vs.
Load Current
10
10
13
16
19
22
25
0
30
60
90
120
150
10
60
65
70
75
80
85
90
95
60
65
70
75
80
85
90
95
100
100
1000
1000
0
2.40
2.44
2.48
2.52
2.56
2.60
2.40
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.44
2.48
2.52
2.56
2.60
50
100
150
200
250
Efficiency vs.
Load Current
Efficiency vs.
Load Current
Efficiency vs.
Load Current
Efficiency vs.
Load Regulation
Load Current
LOAD CURRENT (mA)
INPUT VOLTAGE (V)
OUTPUT CURRENT (mA)
LOAD CURRENT (mA)
LOAD CURRENT (mA)
30
700
900
1100
1300
1500
1700
40
50
60
70
80
Duty Cycle (%)
VIN=1.5V
VOUT=2.5V
VIN=1.5V
VIN=2.5V
VOUT=3.3V
VIN=1.5V
IOUT=100mA
VOUT=3.3V
VOUT=2.5V
200 s/div.
40 s/div.
1ms/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com