Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP3115 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3115
Description  High-Efficiency, Single-Cell Alkaline, 1.3MHz Synchronous Step-up Converter with Output Disconnect
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3115 Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP3115 Datasheet HTML 1Page - Monolithic Power Systems MP3115 Datasheet HTML 2Page - Monolithic Power Systems MP3115 Datasheet HTML 3Page - Monolithic Power Systems MP3115 Datasheet HTML 4Page - Monolithic Power Systems MP3115 Datasheet HTML 5Page - Monolithic Power Systems MP3115 Datasheet HTML 6Page - Monolithic Power Systems MP3115 Datasheet HTML 7Page - Monolithic Power Systems MP3115 Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MP3115 – HIGH-EFFICIENCY 1.3MHz SYNCHRONOUS STEP-UP CONVERTER
MP3115 Rev. 0.9
www.MonolithicPower.com
6
4/12/2016
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
OPERATION
GND
SW
OUT
CONTROL
LOGIC
RSENSE
CURRENT
SENSE
AMPLIFIER
PWM
COMPARATOR
+
RAMP
OSC
1.3MHz
BIAS
STARTUP
SOFT-START
PROTECTION
ERROR
AMPLIFIER
FB
EN
2
1
5
4
IN 6
3
Figure 1—Functional Block Diagram
The MP3115 uses a 1.3MHz fixed-frequency,
current-mode regulation architecture to regulate
the output voltage. The MP3115 measures the
output voltage through an external resistive
voltage divider and compares that to the
internal 1.2V reference to generate the error
voltage. The current-mode regulator compares
the error voltage to the inductor current to
regulate the output voltage. The use of current-
mode regulation improves transient response
and control loop stability.
When the MP3115 is disabled (EN<0.4V), both
power switches are off. The body of the
P-Channel MOSFET connects to SW thus there
is no current path from SW to OUT. When the
MP3115 is enabled (EN>0.8V), the P-Channel
MOSFET turns on to charge the output
capacitor to a voltage close to the input voltage.
During this time, the gate of the P-Channel is
controlled to limit the chip power dissipation.
The MP3115 starts switching when the output
voltage is close to the input voltage. If the input
voltage is less than 1.6V, the MP3115 will start
with CCM (constant current mode) until the
output voltage crosses 1.6V. After that, the
soft-start circuit will take over to bring the output
voltage to the regulated value.
At the beginning of each cycle, the N-channel
MOSFET switch is turned on, forcing the
inductor current to rise. The current at the
source of the switch is internally measured and
converted to a voltage by the current sense
amplifier. That voltage is compared to the error
voltage. When the inductor current rises
sufficiently, the PWM comparator turns off the
switch, forcing the inductor current to the output
capacitor through the internal P-Channel
MOSFET rectifier, which forces the inductor
current to decrease. The peak inductor current
is controlled by the error voltage, which in turn
is controlled by the output voltage. Thus the
output voltage controls the inductor current to
satisfy the load.
The MP3115 has a temperature sensing circuit
to protect the part. The MP3115 turns off both
switches when the chip temperature reaches
150
°C.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com