Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068GS Datasheet(PDF) 15 Page - Monolithic Power Systems

Part # MP4068GS
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068GS Datasheet(HTML) 15 Page - Monolithic Power Systems

Back Button MP4068GS Datasheet HTML 11Page - Monolithic Power Systems MP4068GS Datasheet HTML 12Page - Monolithic Power Systems MP4068GS Datasheet HTML 13Page - Monolithic Power Systems MP4068GS Datasheet HTML 14Page - Monolithic Power Systems MP4068GS Datasheet HTML 15Page - Monolithic Power Systems MP4068GS Datasheet HTML 16Page - Monolithic Power Systems MP4068GS Datasheet HTML 17Page - Monolithic Power Systems MP4068GS Datasheet HTML 18Page - Monolithic Power Systems MP4068GS Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
MP4068 – HIGH PF, NON-ISOLATED, TRIAC DIMMABLE LED DRIVER
MP4068 Rev. 1.01
www.MonolithicPower.com
15
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Leading Edge Blanking (LEB)
There are parasitic capacitances in the circuit
which can cause a high-current spike during the
turn-on period of the internal MOSFET. In order
to avoid premature termination of the switching
pulse, an internal leading edge blanking (LEB)
unit is employed. During the blanking time, the
current comparator is disabled and blocked
from turning off the internal MOSFET (see Fig.
6).
TLEB
VLimit
t
FIGURE 6. Leading Edge Blanking (LEB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com