Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068GS Datasheet(PDF) 16 Page - Monolithic Power Systems

Part # MP4068GS
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068GS Datasheet(HTML) 16 Page - Monolithic Power Systems

Back Button MP4068GS Datasheet HTML 12Page - Monolithic Power Systems MP4068GS Datasheet HTML 13Page - Monolithic Power Systems MP4068GS Datasheet HTML 14Page - Monolithic Power Systems MP4068GS Datasheet HTML 15Page - Monolithic Power Systems MP4068GS Datasheet HTML 16Page - Monolithic Power Systems MP4068GS Datasheet HTML 17Page - Monolithic Power Systems MP4068GS Datasheet HTML 18Page - Monolithic Power Systems MP4068GS Datasheet HTML 19Page - Monolithic Power Systems MP4068GS Datasheet HTML 20Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
MP4068 – HIGH PF, NON-ISOLATED, TRIAC DIMMABLE LED DRIVER
MP4068 Rev. 1.01
www.MonolithicPower.com
16
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Component Selection
Inductor
The MP4068 has a minimum off-time limit. The
inductor current ripple at CCM is determined by
the inductor value and the minimum off-time
limit. The current ripple is limited to 80% to get
a tradeoff between the PF and dimming
performance. The inductance value can be
calculated as follows:
OOFF _ MIN
peak
Vt
L
0.8 I
×
=
×
If the inductance value is too large, the
switching frequency will be low, so the EMI
performance will be good, however, the TRIAC
dimming performance will be poor at this
condition. If the inductance value is too small,
the TRIAC dimming performance will be good,
but the system may work in open loop condition,
the current consistency will be bad. So a
tradeoff must be made.
Freewheeling Diode
The diode should have a maximum reverse-
voltage rating, which is greater than the
maximum input voltage. The current rating of
the diode is determined by the output current,
which should be larger than 1.5 to 2 times the
output current.
Slow diodes cause excessive leading edge
current spikes during start-up, which is not
acceptable. Long reverse-recovery time of the
freewheeling diode can also affect the efficiency
and the circuit operation. An ultrafast diode
(trr<75ns) such as WUGC10JH or ES1G is
recommended.
Over-Voltage Protection Point Set
A feedback resistor is used to detect an over-
voltage condition. Fig. 7 shows the feedback
resistor’s connection.
The MP4068 is integrated with over-voltage
protection. The maximum output voltage when
over-voltage protection is triggered can be
calculated with the following equation:
O_ MAX
OVP
D
R2 R3
VV
*
V
R2
+
=
−
Where VD is the freewheeling diode forward
voltage drop.
VCC
OVF
GND
L
R2
R3
LED+
MP4068
FIGURE 7. Feedback Resistor Connection
The upper feedback resistor (R3) should be
larger than 100kΩ to avoid an efficiency
reduction in application. A 1% tolerance type is
recommended to achieve accurate protection.
Dummy Load
The dummy load is used to consume the power
transferred to the output capacitor when over-
voltage protection occurs. The IC works in
hiccup mode without any power consumption.
Normally, a dummy load less than 1mA is
recommended, which will not deteriorate the
system efficiency but can guarantee normal
over-voltage protection.
PCB Layout Guidelines
Efficient PCB layout is critical to achieve stable
operation, good EMI, and good thermal
performance, especially in very small sized LED
applications. For best results, refer to Fig. 8 and
follow the guidelines below:
1. Keep the loop formed between the MP4068,
the inductor, the freewheeling diode, and the
output capacitor as small as possible for
better EMI.
2. Place the AC input far away from the
switching nodes to minimize the noise
coupling that may bypass the input filter.
3. The VCC capacitor should be located very
close to the VCC and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com