Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068GS Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4068GS
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068GS Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4068GS Datasheet HTML 7Page - Monolithic Power Systems MP4068GS Datasheet HTML 8Page - Monolithic Power Systems MP4068GS Datasheet HTML 9Page - Monolithic Power Systems MP4068GS Datasheet HTML 10Page - Monolithic Power Systems MP4068GS Datasheet HTML 11Page - Monolithic Power Systems MP4068GS Datasheet HTML 12Page - Monolithic Power Systems MP4068GS Datasheet HTML 13Page - Monolithic Power Systems MP4068GS Datasheet HTML 14Page - Monolithic Power Systems MP4068GS Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP4068 – HIGH PF, NON-ISOLATED, TRIAC DIMMABLE LED DRIVER
MP4068 Rev. 1.01
www.MonolithicPower.com
11
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
SOIC8-7A
Pin #
SOIC-8 EP
Name
Description
1
1
VCC
Power Supply
. Supply power for all the control circuits. Typically, connect
VCC to an external 2.2uF capacitor.
2,5,6
3
GND
Ground
. Virtual Ground of the IC.
3
2
OVF
Output Voltage Feedback
. The over-voltage condition is detected on
OVF. When the voltage on OVF exceeds the VOVP (after a blanking time),
the OVP is triggered, and the chip shuts down.
4
4
CS
Current Sense of the Internal Power MOSFET
. Connect a resistor from
CS to GND to sense the current through the inductor. When the voltage on
CS exceeds 0.46V, the internal MOSFET is turned off. If the start-up time
exceeds the maximum on time (9us), the internal MOSFET is turned off
(even though the voltage on CS has not reached 0.46V).
8
7
HV
High-Voltage Input of the Internal Power MOSFET
. HV is also the input
of the internal high-voltage current source.
5,6,8
NC
No Connection
. Do NOT connect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com