Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068GS Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4068GS
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068GS Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4068GS Datasheet HTML 2Page - Monolithic Power Systems MP4068GS Datasheet HTML 3Page - Monolithic Power Systems MP4068GS Datasheet HTML 4Page - Monolithic Power Systems MP4068GS Datasheet HTML 5Page - Monolithic Power Systems MP4068GS Datasheet HTML 6Page - Monolithic Power Systems MP4068GS Datasheet HTML 7Page - Monolithic Power Systems MP4068GS Datasheet HTML 8Page - Monolithic Power Systems MP4068GS Datasheet HTML 9Page - Monolithic Power Systems MP4068GS Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP4068 – HIGH PF, NON-ISOLATED, TRIAC DIMMABLE LED DRIVER
MP4068 Rev. 1.01
www.MonolithicPower.com
6
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values are VCC =5V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VCC =5V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Maximum On-Time Limitation
tON_MAX
6.7
9
11.5
μs
Ratio of Max_on/Min_off
σ
1.09
1.29
1.5
Protection Input (OVF)
Threshold to Trigger OVP
VOVP
1.89
2.0
2.15
V
Time Constraint on OVP Comparator
tOVP
21
32
μs
Thermal Protection
Power De-Rating Threshold
(5)
TSTART
145
°C
Thermal Shutdown Threshold
(5)
TSD
160
°C
Thermal Shutdown Recovery
Hysteresis
(5)
THYS
50
°C
Notes:
5) Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com