Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068GS Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4068GS
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068GS Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4068GS Datasheet HTML 10Page - Monolithic Power Systems MP4068GS Datasheet HTML 11Page - Monolithic Power Systems MP4068GS Datasheet HTML 12Page - Monolithic Power Systems MP4068GS Datasheet HTML 13Page - Monolithic Power Systems MP4068GS Datasheet HTML 14Page - Monolithic Power Systems MP4068GS Datasheet HTML 15Page - Monolithic Power Systems MP4068GS Datasheet HTML 16Page - Monolithic Power Systems MP4068GS Datasheet HTML 17Page - Monolithic Power Systems MP4068GS Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
MP4068 – HIGH PF, NON-ISOLATED, TRIAC DIMMABLE LED DRIVER
MP4068 Rev. 1.01
www.MonolithicPower.com
14
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
turned on. The on period is determined by the
peak current limit. After the on period elapses,
the integrated MOSFET is turned off (see Fig.
4).
FIGURE 4. VFB vs IOUT
By monitoring the internal sampling capacitor
voltage, the output current can be regulated.
The output current is determined by the
following equation:
=
O
0.195V
I
R1
The peak current can be calculated as follows:
=
Peak
0.46V
I
R1
Where R1 is the sense resistor.
Minimum Operating Frequency Limit
The MP4068 incorporates a minimum operating
frequency (22kHz) to eliminate audible noise
when the frequency is less than 20kHz.
When the operating frequency is less than
22kHz, the internal peak current regulator will
decrease the peak current value to keep the
operating frequency constant (about 22kHz).
Minimum Off-Time Limit
A minimum off-time limit is implemented. During
normal operation, the minimum off-time limit is
7μs. During the start-up period, the minimum
off-time limit is shortened gradually from 24μs
to 12μs to 7μs (see Fig. 5). Each minimum off
time maintains a 32 switching cycle. This soft-
start function enables a safe start-up.
FIGURE 5. tminoff at Start-Up
Thermal Protection (TSD)
To prevent the IC and system from thermal
damage, the MP4068 reduces the reference to
decrease the output current. This limits the
temperature rising speed of the IC when the
junction temperature exceeds 145
°C. Typically,
the output current drops to around 20% when
the IC temperature rises to 160
°C. Once the
junction temperature exceeds 160
°C, the
MP4068 shuts down the switching cycle. As
soon as the junction temperature drops below
110
°C, the power supply resumes operation.
During the thermal shutdown condition, the
VCC is discharged to VCCPRO, and then it is re-
charged by the internal high-voltage regulator.
Over-Voltage Protection (OVP)
When the MOSFET turns off, if VOVF is higher
than VOVP, the MP4068 stops working, and a re-
start cycle begins. When OVP occurs, the chip
works in hiccup mode; the MP4068 monitors
the OVF voltage continuously, and the VCC
voltage discharges and re-charges repeatedly.
The MP4068 resumes operation once the fault
disappears.
Short-Circuit Protection (SCP)
When an LED short circuit occurs, the switching
off time is extended. Due to the minimum
operating frequency limit, the IC reduces
automatically the switching frequency and
achieves close loop control. Then the output
power at this condition is limited at a safe range.
The MP4068 resumes working in normal
operation once the short circuit is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com