Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP4068GS Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4068GS
Description  Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4068GS Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4068GS Datasheet HTML 1Page - Monolithic Power Systems MP4068GS Datasheet HTML 2Page - Monolithic Power Systems MP4068GS Datasheet HTML 3Page - Monolithic Power Systems MP4068GS Datasheet HTML 4Page - Monolithic Power Systems MP4068GS Datasheet HTML 5Page - Monolithic Power Systems MP4068GS Datasheet HTML 6Page - Monolithic Power Systems MP4068GS Datasheet HTML 7Page - Monolithic Power Systems MP4068GS Datasheet HTML 8Page - Monolithic Power Systems MP4068GS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP4068
Non-Isolated,TRIAC Dimmable PFC
LED Driver for 120VAC, Up to 10W LEDs
MP4068 Rev. 1.01
www.MonolithicPower.com
1
7/30/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4068 is a highly integrated TRIAC
dimmable LED driver with a high power factor
(PF). It regulates precisely LED current in non-
isolated lighting applications. Only a single
winding inductor is required to realize the
solution. For low-line (120VAC) applications,
the integrated 500V MOSFET ensures that the
system can withstand a 500V surge test without
MOV or TVS. It features MPS’ proprietary
hybrid operation mode, which is designed to
achieve good dimming performance. The
MP4068 is designed specifically for low-line
input (120VAC) and TRIAC dimmable LED
lighting applications, especially for low cost and
small form factor applications.
The accurate output LED current is achieved by
an internal averaging current feedback loop. An
internal high-voltage regulator makes the
MP4068 start-up quickly without a perceptible
delay. The power de-rating at high temperature
makes the system flicker-free when the ambient
temperature is high.
The MP4068 has protection features such as
VCC under-voltage lockout (UVLO), over-
voltage protection (OVP), and short-circuit
protection (SCP). All of these features make
MP4068 an ideal solution for simple, off-line,
and non-isolated TRIAC dimmable LED lighting
applications.
The MP4068 is available in SOIC8-7A and
SOIC-8 EP packages.
FEATURES
• Excellent TRIAC Dimming Performance
• Lowest Cost BOM
• Constant Current LED Driver
• Integrated 500V MOSFET
• Internal HV Fast Start-Up
• Single Winding Inductor
• High Power Factor(>0.7)
• Good LED Current Accuracy
• Supports Buck/Buck-Boost Topology
• LED Current Foldback at High Temperature
• Thermal Shutdown (Auto Re-Start with
Hysteresis)
• VCC Under-Voltage Lockout with Hysteresis
(UVLO)
• Programmable Over-Voltage Protection
• Output Short-Circuit Protection
• Available in SOIC8-7A/SOIC-8 EP
Packages
APPLICATIONS
120VAC, Up to 10W LED Lighting
Residential and Commercial Lighting
TRIAC Dimmible LED Lighting, A19, GU10,
PAR Lamps
All MPS parts are lead-free, halogen free, and adhere to the RoHS directive. For
MPS green status, please visit MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are Registered Trademarks
of Monolithic Power Systems, Inc.


Similar Part No. - MP4068GS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4068GS MPS-MP4068GS Datasheet
986Kb / 14P
108VAC~132VAC/60Hz, 50V/140mA Low Cost, Small Form Factor High PFC Off-line Dimmable LED Driver Evaluation Board
More results

Similar Description - MP4068GS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92075 TI-TPS92075 Datasheet
1Mb / 27P
Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075 TI1-TPS92075_14 Datasheet
1Mb / 29P
Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
logo
Phihong USA Inc.
PDA010N-350B-R PHIHONG-PDA010N-350B-R Datasheet
272Kb / 3P
10W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
logo
TE Connectivity Ltd
SSL-10W TEC-SSL-10W Datasheet
606Kb / 2P
10W Triac Dimmable LED Driver
logo
Diodes Incorporated
AP1694AEV10 DIODES-AP1694AEV10 Datasheet
756Kb / 10P
120VAC Triac Dimmable GU10 LED Driver
Rev 2
AP1695EV4 DIODES-AP1695EV4 Datasheet
755Kb / 10P
120VAC Triac Dimmable GU10 LED Driver with Integrated MOSEFT
Rev 1
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
MP4088 MPS-MP4088 Datasheet
1Mb / 20P
Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
logo
Bright Power Semiconduc...
BP2318 BPS-BP2318 Datasheet
187Kb / 2P
Dimmable Non-isolated Buck APFC LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com