Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505GL Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP5505GL
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505GL Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP5505GL Datasheet HTML 1Page - Monolithic Power Systems MP5505GL Datasheet HTML 2Page - Monolithic Power Systems MP5505GL Datasheet HTML 3Page - Monolithic Power Systems MP5505GL Datasheet HTML 4Page - Monolithic Power Systems MP5505GL Datasheet HTML 5Page - Monolithic Power Systems MP5505GL Datasheet HTML 6Page - Monolithic Power Systems MP5505GL Datasheet HTML 7Page - Monolithic Power Systems MP5505GL Datasheet HTML 8Page - Monolithic Power Systems MP5505GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
MP5505 – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505 Rev. 1.01
www.MonolithicPower.com
4
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
VIN = 5.0V, TA = 25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
PGS High Threshold
PGHS
0.95
VFBS
PGS Low Threshold
PGLS
0.9
VFBS
PGS Delay
PGDS
20
μs
PGS Sink Current Capability
VPG S
Sink 4mA
0.3
V
PGS Leakage Current
IPGS L
VPGS=3.3V
120
nA
PGIN High Threshold
PGHIN
1.03
VFBS
PGIN Low Threshold
PGLIN
1
VFBS
PGIN Delay
PGDIN
4
μs
PGIN Sink Current Capability
VPG IN
Sink 4mA
0.3
V
PGIN Leakage Current
IPGIN L
VPGIN=3.3V
120
nA
Buck-Mode Dumping-
Current Limit
IDUMP
5
A
Release-Buck Switching
Frequency
fs_RLS
VSTRG from 20V to 5V
500
kHz
VB Under-Voltage Lockout
Threshold, Rising
5)
INUVBR
1.8
2.2
2.5
V
VB Under-Voltage Lockout
Threshold, Hysteresis
5)
INUVBHYS
0.15
0.25
0.35
V
Notes:
5) VB UVLO is applied to Energy Storage and Release Circuitry
6) Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com