Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505GL Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP5505GL
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505GL Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP5505GL Datasheet HTML 3Page - Monolithic Power Systems MP5505GL Datasheet HTML 4Page - Monolithic Power Systems MP5505GL Datasheet HTML 5Page - Monolithic Power Systems MP5505GL Datasheet HTML 6Page - Monolithic Power Systems MP5505GL Datasheet HTML 7Page - Monolithic Power Systems MP5505GL Datasheet HTML 8Page - Monolithic Power Systems MP5505GL Datasheet HTML 9Page - Monolithic Power Systems MP5505GL Datasheet HTML 10Page - Monolithic Power Systems MP5505GL Datasheet HTML 11Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
MP5505 – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505 Rev. 1.01
www.MonolithicPower.com
7
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
PIN FUNCTIONS
QFN20
(3×4mm)
Pin #
Name
I/O
Description
1
DVDT
I
Slew rate control pin for VB voltage during start up. Connect a capacitor from this
pin to GND to program different VB charge up slew rate. Leave it open for the
default soft start time of around 0.9ms from 0V to VIN.
2
TPOR
I
Power-on-reset delay time for VB start up. When VIN and EN are ready and after
this programmable delay time, VB starts to charge up. Connect a capacitor between
this pin and GND to select different delay time. Leave it open for the default power-
on-reset delay time of 0.4ms.
3
ILIM
I
Input current limit setting pin. Connect a resistor between this pin and GND to adjust
the current limit of the input current limiter. This pin cannot be left open.
4
PGIN
O
VB Power-Good Indicator. This pin is an open drain output. PGIN goes HIGH if the
FBB voltage exceeds 1.03×VFBB which is typically 0.813V. PGIN goes LOW if the
FBB voltage drops below 1.0×VFBB which is 0.79V.
5
PGS
O
Storage Voltage Power-Good Indicator. This pin is an open drain output. PGS goes
HIGH if the FBS voltage exceeds 0.95×VFBS which is 0.75V. PGS goes LOW if the
FBS voltage drops below 0.9×VFBS which is 0.71V.
6
EN
I
ON/OFF control pin for MP5505. When EN is pulled low, all the functions of
MP5505 will be disabled, for both input current limiter and charge/release circuitry.
Make sure EN voltage is high during releasing.
7
ENCH
I
ON/OFF control pin for charge and release circuitry. When the ENCH is pulled
down, the release circuitry is disable, note that ENCH needs to be keep high to
achieve energy release.
8
PGND
I/O
Power ground.
9
SW
O
Switch output for the charge and release circuitry. Connect a small inductor
between this pin and VBO pin.
10
STRG
O
Storage voltage pin. Connect appropriate storage capacitors for energy storage and
release operation
11
BST
NC
Bootstrap pin for charge and release circuitry. The internal bi-directional switcher
requires the bootstrap capacitor 100nF from this pin to SW pin to supply the high-
side switch driver voltage during releasing.
12
CST
O
High side switch driving voltage storage pin. MP5505 can support energy even
when storage voltage is close to the VB regulated voltage..
13
NC
NC No Connect
14
AGND
I/O
IC Ground
15
FBB
I
Bus Voltage Feedback Sense. Sets the bus voltage release.
16
FBS
I
Storage Voltage Feedback Sense. Sets the storage voltage.
17
ICH
I
Boost-Mode Current Limit Adjustment Pin. This pin cannot be pulled to VCC or
pulled to external voltage source.
18
VBO
O
Internal Boost. The input voltage after passing through input isolation FET.
19
VB
O
Internal Bus Voltage. Requires a 22μF-to-47μF ceramic capacitor as close to this
pin as possible.
20
VIN
I
Input Supply Voltage. The MP5505 operates from an unregulated 2.7V-to-7V input.
Place a 10µF-to-22µF ceramic capacitor as close to the pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com