Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP5505GL
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP5505GL Datasheet HTML 1Page - Monolithic Power Systems MP5505GL Datasheet HTML 2Page - Monolithic Power Systems MP5505GL Datasheet HTML 3Page - Monolithic Power Systems MP5505GL Datasheet HTML 4Page - Monolithic Power Systems MP5505GL Datasheet HTML 5Page - Monolithic Power Systems MP5505GL Datasheet HTML 6Page - Monolithic Power Systems MP5505GL Datasheet HTML 7Page - Monolithic Power Systems MP5505GL Datasheet HTML 8Page - Monolithic Power Systems MP5505GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
MP5505
7V, 4A, High-Efficiency Energy Storage and
Management Unit
MP5505 Rev. 1.01
www.MonolithicPower.com
1
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
MP5505 is a lossless energy storage and
management unit targeted at the solid-state and
hard-disk drive applications. Its highly-integrated
input-current limit and energy storage and
release management makes the system solution
very compact.
The internal input-current–limit block with dv/dt
control prevents inrush current during system
start up. The bus voltage start-up slew rate is
programmable. It also includes a Power-On-
Reset function for hot-swapping. MPS’s patented
energy storage and release management control
circuit
minimizes
the
storage
capacitor
requirement. It pumps the input voltage to a
higher storage voltage and releases the energy
over a hold-up time to the system in the case of
an input outage. The storage voltage and the
release voltage are both programmable for
different system applications.
The MP5505 requires a minimal number of
readily-available standard external components,
and is available in a 20-pin QFN (3mm×4mm)
package.
FEATURES
• Wide 2.7V-to-7V Operating Input Range
• Input Current Limiter with Integrated 60mΩ
MOSFET
• Up to 4.5A Input Current Limit
• Reverse Current Protection
• 6V Bus Clamping Voltage
• Power-On-Reset
• Adjustable dv/dt Slew Rate for Bus Voltage
Start-Up
• Internal 30mΩ Disconnect Switch
• Internal 70mΩ and 60mΩ Power Switches for
Energy Storage and Release Management
Circuits
• Thermal Protection
• EN and Power-Good Indicators
• Available in a QFN20 (3mm×4mm) Package
APPLICATIONS
• Solid-State Drives
• Hard-Disk Drives
• Power Back-up/Battery Hold-up Supplies
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION
MP5505
FBS
STRG
FBB
VBO
PGIN
VIN
C1
C2
R1
105k
R2
24.3k
R4
14k
R3
200k
C3
5VIN
SW
L1
4.7µH
BST
C5
100nF
PGS
EN
C7
10nF
DVDT
C6
100nF
22µF
CST
ILIM
TPOR
R7
1k
22µF
PGND
VB
ICH
ENCH
AGND
20
7
6
17
3
2
1
814
5
4
16
10
18
9
11
12
19
15
R6
200k
OFF ON
D1
C4
1µF
DC/DCs
VSTORAGE
5V/div
VIN
5V/div
PGs
5V/div
VSTORAGE Release
VSTORAGE =12V, VRELEASE=4.2V
VB
5V/div


Similar Part No. - MP5505GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505AGL MPS-MP5505AGL Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5505AGL MPS-MP5505AGL Datasheet
717Kb / 6P
PMU for SSD Evaluation Board
MP5505E MPS-MP5505E Datasheet
569Kb / 18P
7V, 4A, High-Efficiency, Energy Storage and Management Unit
Rev. 1.01 5/15/2020
MP5505EGL MPS-MP5505EGL Datasheet
199Kb / 7P
7V, 4A Energy Storage and Management Unit Application Evaluation Board
More results

Similar Description - MP5505GL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP5550 NSC-LP5550 Datasheet
1Mb / 25P
PowerWise Technology Compliant Energy Management Unit
LP5552 NSC-LP5552 Datasheet
500Kb / 3P
PWI 2.0 and PowerWise??Technology Compliant Energy Management Unit
LP5551 NSC-LP5551 Datasheet
3Mb / 32P
PowerWise??Technology Compliant Energy Management Unit
LP5552 NSC-LP5552_08 Datasheet
1Mb / 36P
PWI 2.0 and PowerWise Technology Compliant Energy Management Unit
logo
Monolithic Power System...
MP5505A MPS-MP5505A Datasheet
1Mb / 17P
7V, 4A, High-Efficiency Energy Storage and Management Unit
MP5507E MPS-MP5507E Datasheet
1Mb / 18P
7V, 3A, High-Efficiency, Energy Management IC for Power Backup
MP5512 MPS-MP5512 Datasheet
685Kb / 22P
18V, 4.5A, High-Efficiency Energy Storage and Management Unit for SSD Applications
EV5505E-L-00A MPS-EV5505E-L-00A Datasheet
199Kb / 7P
7V, 4A Energy Storage and Management Unit Application Evaluation Board
EV5507E-RG-00A MPS-EV5507E-RG-00A Datasheet
391Kb / 6P
7V Energy Storage and Management Unit for SSD Application Evaluation Board
EV5512-V-00A MPS-EV5512-V-00A Datasheet
262Kb / 6P
18V Enery Storage and Management Unit for SSD Application Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com