Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505GL Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP5505GL
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505GL Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP5505GL Datasheet HTML 7Page - Monolithic Power Systems MP5505GL Datasheet HTML 8Page - Monolithic Power Systems MP5505GL Datasheet HTML 9Page - Monolithic Power Systems MP5505GL Datasheet HTML 10Page - Monolithic Power Systems MP5505GL Datasheet HTML 11Page - Monolithic Power Systems MP5505GL Datasheet HTML 12Page - Monolithic Power Systems MP5505GL Datasheet HTML 13Page - Monolithic Power Systems MP5505GL Datasheet HTML 14Page - Monolithic Power Systems MP5505GL Datasheet HTML 15Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
MP5505 – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505 Rev. 1.01
www.MonolithicPower.com
11
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
APPLICATION INFORMATION
Setting the Storage Voltage
Set the storage voltage by choosing the external
feedback resistors R1 and R2 shown in Figure 5.
R1
R2
Cstorage
STRG
FBS
Figure 5: Storage Feedback Circuit
The storage voltage is determined by:
=+
×
STORAGE
FBS
R1
V(1
) V
R2
Where VFBS is 0.79V typically. R1 and R2 are not
critical for normal operation. Select R1 and R2
higher than 10kΩ to account for the bleed current.
For example, if R2 is 14kΩ, R1 is then:
STORAGE
FBS
FBS
14k
(V
V
)
R1
V
Ω×
−
=
For a 12V storage voltage, R1 is 200kΩ.
Table 1 lists the recommended resistors for
different storage voltages.
Table 1: Resistor Pairs for VSTORAGE
VSTORAGE(V)
R1 (kΩ)
R2 (kΩ)
8
127
14
12
200
14
20
340
14
Select Release Voltage and Input Capacitors
Select the release voltage by choosing the
external feedback resistors R3 and R4 as shown
in Figure 6.
Similarly, the release voltage is:
RELEASE
FBB
R3
V(1
) V
R4
=+
×
VFBB is also 0.79V typically. However, R3 and R4
not only determine the release voltage, but affect
stability. Since the release buck mode works in
COT mode, avoid
small resistor values to ensure a sufficient
voltage ramp. Generally, choose R3//R4≥20kΩ
for stable performance with CB=22μF. Table 2
lists the recommended resistor values for
different release voltages.
R3
R4
VB
FBB
CB
Figure 6: Release Feedback Circuit
Table 2: Resistor Pairs for VRELEASE
VRELEASE (V)R3 (kΩ)
R4 (kΩ)
4.2
105
24.3
2.9
107
40.2
Selecting the Storage Capacitor
The storage capacitor stores energy during
normal operation and releases this energy to VIN
when VIN loses input power. Use a general-
purpose electrolytic capacitor or low profile POS
capacitor for most applications.
Select a storage capacitor with a voltage rating
that exceeds the targeted storage voltage. The
stable voltage on the storage capacitor during
normal operation allows for full capacitor
utilization. Consider the capacitance reduce with
the DC voltage offset when choosing the
capacitors. Different capacitors have different
capacitance
derating
performance.
Choose
capacitor with enough voltage rating to guarantee
enough capacitance.
The required capacitance depends on the length
of the “dying gasp” for a typically application.
Assume the input release current is IRELEASE when
input voltage is regulated at VRELEASE for the DC-
DC converter, the storage is VSTORAGE, and the
required dying gasp time is τDASP. The required
storage capacitance is then:
2
2
2
RELEASE
STORAGE
DASP
RELEASE
RELEASE
S
V
V
I
V
C
−
τ
×
×
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com