Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505GL Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP5505GL
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505GL Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP5505GL Datasheet HTML 5Page - Monolithic Power Systems MP5505GL Datasheet HTML 6Page - Monolithic Power Systems MP5505GL Datasheet HTML 7Page - Monolithic Power Systems MP5505GL Datasheet HTML 8Page - Monolithic Power Systems MP5505GL Datasheet HTML 9Page - Monolithic Power Systems MP5505GL Datasheet HTML 10Page - Monolithic Power Systems MP5505GL Datasheet HTML 11Page - Monolithic Power Systems MP5505GL Datasheet HTML 12Page - Monolithic Power Systems MP5505GL Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
MP5505 – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505 Rev. 1.01
www.MonolithicPower.com
9
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
OPERATION
The MP5505 is an energy storage and
management unit in a 3mm×4mm 20-pin QFN
package. It provides very compact and efficient
energy management solution for a typical solid-
state–drive
or
hard-disk–drive
application.
MPS’s patented lossless energy storage and
release
management
circuits
use
a
bi-
directional Buck/Boost converter to achieve
optimal energy transfer and provide the most
cost-effective energy storage solution.
The integrated boost converter raises the
energy-storage voltage level. The storage
feedback resistor divider sets the storage
voltage. When the input suddenly shuts down,
the internal Buck converter transfers the energy
from the storage capacitor to the bus and keep
holds the bus voltage when the system
consumes the energy from the storage
capacitor. The buck converter can work in
100% duty cycle operation to fully deplete the
stored energy.
Start-Up
When VIN starts up, the bus voltage VB is
charged from 0 to nearly VIN. The VB rising
slew rate is controlled by DVDT capacitance.
This function avoids the input inrush current
and provides protection to the whole system.
EHCH is used to enable the storage charge and
release circuitry. When ENCH is already high
before VB finishing DVDT process, the storage
charge circuitry will work automatically when
VIN is higher than UVLO which is 2.5V typically.
The storage charge circuitry operates in two
modes: the pre-charge mode where the STRG
voltage is charged to VB voltage by using a
current source and the boost mode where the
STRG voltage is charged to finally setting
voltage. The pre-charge mode charges the
STRG voltage up to nearly VB voltage by using
almost constant current source. The current is
around 130mA. When STRG voltage is close to
VB, and VB voltage is higher than certain
threshold where the corresponding FBB is
higher than 0.813V, the boost mode initiates.
The boost mode charges the STRG voltage to
the target voltage finally. Figure 2 shows the
charging build-up process when ENCH is high
before VB starts up.
It is strongly recommended for our customers to
enable the ENCH after VB is well settled down
which is shown in Figure 3. Because the
release mode is triggered when FBB voltage is
lower than 0.79V, although there is a 23mV
hysteresis between boost mode and release
mode, in some high current charge boost mode
case which can be programmed by ICH, VB
voltage might be pulled low back and wrongly
enter the release mode. In order to avoid this,
the ENCH pin is suggested to be enabled after
VB settling down. Figure 3 shows the charging
build-up process when ENCH is enabled after
VB settles down.
VIN
EN&ENCH
VSTRG
Power ON Delay Time
STRG Pre-Charge Mode
VB
VB Dvdt
Charge Up
STRG Boost Mode
FBB=0.813V
Figure 2: Charging Process
VIN
EN
VSTRG
Power ON Delay Time
STRG Pre-Charge Mode
VB
VB Dvdt
Charge Up
ENCH
STRG Boost Mode
Figure.3 Charging Process when EN and ENCH
Separated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com