Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP5505GL Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP5505GL
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505GL Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP5505GL Datasheet HTML 6Page - Monolithic Power Systems MP5505GL Datasheet HTML 7Page - Monolithic Power Systems MP5505GL Datasheet HTML 8Page - Monolithic Power Systems MP5505GL Datasheet HTML 9Page - Monolithic Power Systems MP5505GL Datasheet HTML 10Page - Monolithic Power Systems MP5505GL Datasheet HTML 11Page - Monolithic Power Systems MP5505GL Datasheet HTML 12Page - Monolithic Power Systems MP5505GL Datasheet HTML 13Page - Monolithic Power Systems MP5505GL Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP5505 – ENERGY STORAGE AND MANAGEMENT UNIT
MP5505 Rev. 1.01
www.MonolithicPower.com
10
1/12/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Storage Voltage
After the start up period, the internal Boost
converter automatically regulates the storage
voltage to a set value. The MP5505 uses burst
mode to minimize the converter’s power loss.
When the storage voltage drops below the set
voltage, burst mode initiates and charges the
storage capacitor. During the burst period, the
current limit and the low-side MOSFET control
the switch. When the power MOSFET turns on,
the inductor current increases until it reaches its
current limit. The boost current limit can be
programmable by ICH resistor. By default, it is
around 500mA. After hitting the current limit, the
power MOSFET turns off for the set minimum
OFF time. At the end of this minimum OFF time,
if the feedback voltage remains below the
0.79V internal reference, the power MOSFET
turns on again; otherwise the MP5505 waits
until the voltage drops below the threshold
before turning on the MOSFET.
Release
The MP5505 continuously monitors the input
and bus voltages. Once the bus voltage drops
below the selected release voltage (such as
when losing input power), the internal boost
converter stops charging and works in buck
release mode. In buck mode, the part transfers
energy from the high-voltage storage capacitor
to the low-voltage bus capacitor. Determine the
release voltage by selecting resistor values for
the bus resistor divider. The buck release
current can be as high as 4.5A.
VB
VSTRG
PGIN
Release VB regulation
voltage
Figure 4: Release Times
The released Buck applies the fixed-frequency
constant-on-time
(COT)
enables
the
fast
transition between charge and release modes.
The buck converter works at 100% duty cycle
until the storage capacitor voltage approaches
the bus voltage. Then the storage and bus
voltages drop until they reach the DC-DC
converter’s UVLO, as shown in Figure 4.
Input-Current Limit
The input-current limiter carefully controls the
input inrush current of the internal hot-swap
MOSFET to prevent an inrush current from the
input to the bus. A capacitor connected to dv/dt
pin can set the soft-start time. Despite of the
soft-start process, the ILIM pin can also limit the
steady-state
current.
Connect
a
resistor
between ILIM and GND to set the current limit.
Reverse-Current Protection
The hot-swapping circuit uses reverse-current
protection to prevent the storage energy from
transferring back to the input during energy
released from storage capacitors to bus. The
hot-swapping MOSFET turns on when input
voltage exceeds the VIN UVLO threshold
during start up, and turn off when input voltage
falls below the bus voltage during release.
Start-Up Sequencing
Connect a capacitor across the DVDT pin to
program the soft-start time. During soft-start,
the energy storage capacitors charge. Very
short dv/dt times can trigger the current-limit
threshold. Select the DVDT capacitor based on
the storage capacity.
Storage Power-Good Indicator, PGS
When the voltage on the FBS pin (storage
feedback) drops below 0.9×VFBS, the MP5505
internally pulls the storage PGS pin LOW.
When the FBS voltage is above 0.95×VFBS, this
pin goes HIGH.
Bus Power-Good Indicator, PGIN
When the voltage on FBB pin (bus feedback)
falls below 1.0×VFBB, the MP5505 pulls PGIN
LOW to indicate releasing status. When
MP5505 works in Boost mode, the PGIN will be
pulled high to indicate charging status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com