Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-CL7P Datasheet(PDF) 9 Page - OSRAM GmbH

Part # LB-CL7P
Description  SMD ceramic package with silicone resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-CL7P Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button LB-CL7P Datasheet HTML 5Page - OSRAM GmbH LB-CL7P Datasheet HTML 6Page - OSRAM GmbH LB-CL7P Datasheet HTML 7Page - OSRAM GmbH LB-CL7P Datasheet HTML 8Page - OSRAM GmbH LB-CL7P Datasheet HTML 9Page - OSRAM GmbH LB-CL7P Datasheet HTML 10Page - OSRAM GmbH LB-CL7P Datasheet HTML 11Page - OSRAM GmbH LB-CL7P Datasheet HTML 12Page - OSRAM GmbH LB-CL7P Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
Draft Version 0.1
LB CL7P
2012-08-02
9
DRAFT – For Reference only. Subject to change
without notice.
Forward Current 5) page 20
Durchlassstrom 5) Seite 20
IF = f (VF); TS = 25 °C
Relative Luminous Flux 5) page 20 , 6) page 20
Relativer Lichtstrom 5) Seite 20 , 6) Seite 20
V/ V(350 mA) = f(IF); TS = 25 °C
Chromaticity Coordinate Shift 5) page 20
Farbortverschiebung 5) Seite 20
Cx, Cy = f(IF); TS = 25 °C
LBCL7P
2.8 3.0 3.2 3.4 3.6 3.8 4.0
VF[V]
200
400
600
800
1000
IF[mA]
LBCL7P
IF[mA]
0.0
0.5
1.0
1.5
2.0
2.5
ΦV
ΦV(350 mA)
LBCL7P
IF[mA]
0.11
0.12
0.13
0.14
0.15
0.16
Cx
Cy
: Cx
: Cy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com