Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-CL7P Datasheet(PDF) 17 Page - OSRAM GmbH

Part # LB-CL7P
Description  SMD ceramic package with silicone resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-CL7P Datasheet(HTML) 17 Page - OSRAM GmbH

Back Button LB-CL7P Datasheet HTML 13Page - OSRAM GmbH LB-CL7P Datasheet HTML 14Page - OSRAM GmbH LB-CL7P Datasheet HTML 15Page - OSRAM GmbH LB-CL7P Datasheet HTML 16Page - OSRAM GmbH LB-CL7P Datasheet HTML 17Page - OSRAM GmbH LB-CL7P Datasheet HTML 18Page - OSRAM GmbH LB-CL7P Datasheet HTML 19Page - OSRAM GmbH LB-CL7P Datasheet HTML 20Page - OSRAM GmbH LB-CL7P Datasheet HTML 21Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Draft Version 0.1
LB CL7P
2012-08-02
17
DRAFT – For Reference only. Subject to change
without notice.
Barcode-Product-Label (BPL)
Barcode-Produkt-Etikett (BPL)
Dry Packing Process and Materials
Trockenverpackung und Materialien
Note: Moisture-sensitive product is packed in a dry bag containing desiccant and a humidity card.
Regarding dry pack you will find further information in the internet and in the Short Form Catalog in
chapter “Tape and Reel” under the topic “Dry Pack”. Here you will also find the normative references
like JEDEC.
Anm.: Feuchteempfindliche Produkte sind verpackt in einem Trockenbeutel zusammen mit einem
Trockenmittel und einer Feuchteindikatorkarte.
Bezüglich Trockenverpackung finden Sie weitere Hinweise im Internet und in unserem Short Form
Catalog im Kapitel “Gurtung und Verpackung” unter dem Punkt “Trockenverpackung”. Hier sind
Normenbezüge, unter anderem ein Auszug der JEDEC-Norm, enthalten.
OHA04563
(G) GROUP:
1234567890
(1T) LOT NO:
(9D) D/C:
1234
(X) PROD NO:
123456789
(6P) BATCH NO:
1234567890
LX XXXX
RoHS Compliant
BIN1: XX-XX-X-XXX-X
ML
2
Temp
ST
260 °C R
Pack: R18
DEMY
022
B_R999_1880.1642 R
9999
(Q)QTY:
Semiconductors
OSRAM Opto
XX-XX-X-X
OHA00539
Moisture-sensitive label or print
Barcode label
Desiccant
Humidity indicator
Barcode label
OSRAM
M
o
ist
u
re
L
ev
el
3
F
lo
or
tim
e
1
6
8
H
o
u
rs
M
o
is
tu
re
L
e
ve
l 6
F
lo
o
r ti
m
e
6
H
o
u
rs
a
)
H
u
m
idit
y
In
d
ic
a
to
r
C
a
rd
is
>
1
0
%
w
h
e
n
re
a
d
a
t 2
3
˚C
±
5
˚C,
o
r
re
flo
w
, v
a
p
or-
p
h
a
se
ref
lo
w
, o
r
e
q
u
iv
a
le
nt
p
ro
c
es
s
in
g
(p
e
ak
p
a
c
ka
g
e
2
. A
fte
r t
h
is
ba
g
is
o
p
en
e
d
,
de
v
ic
e
s
th
a
t
w
ill
b
e
s
u
b
je
ct
ed
to
in
fr
a
re
d
1.
S
h
e
lf
li
fe
i
n
se
a
le
d
ba
g
:
2
4
m
on
ths
a
t <
4
0
˚
C
a
n
d
<
9
0
%
re
la
ti
ve
h
u
m
id
ity
(R
H
).
M
o
is
tu
re
L
e
ve
l 5
a
a
t f
a
c
tor
y
co
nd
ition
s
o
f
(if
b
la
n
k
, s
e
a
l
d
ate
is
id
e
n
tic
a
l w
ith
d
a
te
c
o
d
e).
a
) M
o
u
n
ted
w
ith
in
b
)
S
to
re
d
a
t
b
o
d
y
t
em
p
.
3.
D
e
vic
es
re
q
u
ir
e
ba
k
in
g,
b
e
fo
re
m
o
u
n
tin
g
, if:
B
a
g
s
e
a
l
d
a
te
M
o
is
tu
re
L
e
ve
l 1
M
o
is
tu
re
L
e
ve
l 2
M
o
is
tu
re
L
e
v
e
l 2
a
4.
I
f
b
a
k
in
g
is
re
q
u
ire
d
,
b
)
2
a
or
2
b
is
n
o
t
m
et
.
D
a
te
a
nd
tim
e
op
e
n
ed
:
ref
e
re
n
ce
IP
C
/JE
D
E
C
J
-S
T
D
-0
3
3
fo
r
b
a
k
e
p
roc
e
d
u
re.
F
loo
r t
im
e
s
ee
b
e
low
If
b
la
nk
, s
e
e
ba
r c
o
d
e
l
a
b
e
l
F
loo
r
ti
m
e
>
1
Ye
a
r
F
lo
o
r t
im
e
1
Ye
a
r
F
lo
or
t
im
e
4
W
e
e
k
s
1
0%
R
H
.
_
<
M
oi
st
u
re
L
e
vel
4
M
ois
tu
re
L
e
ve
l 5
˚C
).
O
P
T
O
S
EM
ICO
N
D
U
CT
O
R
S
M
O
IS
TU
R
E
S
E
N
S
IT
IVE
Th
is
b
ag
co
ntain
s
C
A
U
T
IO
N
F
lo
o
r ti
m
e
72
Ho
u
rs
F
lo
o
r t
im
e
4
8
H
o
u
rs
F
loo
r
ti
m
e
2
4
H
o
u
rs
3
0
˚C
/6
0
%
R
H
.
_
<
L
E
V
E
L
If
b
la
n
k
,
s
e
e
b
a
r
c
o
d
e
la
b
e
l



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com