Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-CL7P Datasheet(PDF) 16 Page - OSRAM GmbH

Part # LB-CL7P
Description  SMD ceramic package with silicone resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-CL7P Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button LB-CL7P Datasheet HTML 12Page - OSRAM GmbH LB-CL7P Datasheet HTML 13Page - OSRAM GmbH LB-CL7P Datasheet HTML 14Page - OSRAM GmbH LB-CL7P Datasheet HTML 15Page - OSRAM GmbH LB-CL7P Datasheet HTML 16Page - OSRAM GmbH LB-CL7P Datasheet HTML 17Page - OSRAM GmbH LB-CL7P Datasheet HTML 18Page - OSRAM GmbH LB-CL7P Datasheet HTML 19Page - OSRAM GmbH LB-CL7P Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
2012-08-02
16
DRAFT – For Reference only. Subject to change
without notice.
Draft Version 0.1
LB CL7P
Tape and Reel
Gurtverpackung
12 mm tape with 600 pcs. on 180 mm reel
Tape dimensions in mm (inch)
Tape dimensions in mm (inch)
Reel dimensions in mm (inch)
Reel dimensions in mm (inch)
W
P0
P1
P2
D0
E
F
12 +0.3/-0.1
4 ± 0.1
(0.157 ±
0.004)
4 ± 0.1
(0.157 ±
0.004)
or
8 ± 0.1
(0.315 ±
0.004)
2 ± 0.05
(0.079 ±
0.002)
1.5 ± 0.1
(0.059 +
0.004)
1.75 ± 0.1
(0.069 ±
0.004)
5.5 ± 0.05
(0.217 ±
0.002)
A
W
Nmin
W1
W2max
180 (7)
12 (0.472)
60 (2.362)
12.4 + 2 (0.488 +
0.079)
18.4 (0.724)
D
0
2
P
P
0
1
P
Direction of unreeling
W1
2
W
OHAY0324b
Label
Gurtvorlauf:
Leader:
Trailer:
Gurtende:
Direction of unreeling
900 mm
900 mm
400 mm
400 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com