Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-CL7P Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LB-CL7P
Description  SMD ceramic package with silicone resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-CL7P Datasheet(HTML) 1 Page - OSRAM GmbH

  LB-CL7P Datasheet HTML 1Page - OSRAM GmbH LB-CL7P Datasheet HTML 2Page - OSRAM GmbH LB-CL7P Datasheet HTML 3Page - OSRAM GmbH LB-CL7P Datasheet HTML 4Page - OSRAM GmbH LB-CL7P Datasheet HTML 5Page - OSRAM GmbH LB-CL7P Datasheet HTML 6Page - OSRAM GmbH LB-CL7P Datasheet HTML 7Page - OSRAM GmbH LB-CL7P Datasheet HTML 8Page - OSRAM GmbH LB-CL7P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
2012-08-02
1
DRAFT – For Reference only. Subject to change
without notice.
2012-08-02 DRAFT – For Reference only. Subject to change without notice.
OSLON Signal 80
Datasheet
Draft Version 0.1
LB CL7P
OSLON Signal 80
OSLON Signal 80
Features:
Besondere Merkmale:
• Package: SMD ceramic package with silicone
resin with lens
• Gehäusetyp: SMD Keramik Gehäuse mit
Silikonverguss und Linse
• Technology: ThinGaN (UX:3)
• Technologie: ThinGaN (UX:3)
• Viewing angle at 50 % IV: (typ.) 80°
• Abstrahlwinkel bei 50 % IV: (typ.) 80°
• Color: Cx = 0.12, Cy = 0.16 acc. to CIE 1931 (blue)
• Farbe: Cx = 0.12, Cy = 0.16 acc. to CIE 1931 (blau)
• ESD - withstand voltage: 8 kV acc. to
JESD22-A114-F
• ESD - Festigkeit: 8 kV nach JESD22-A114-F
Applications
Anwendungen
• Signalling
• Signalling
•Marker Light
• Marker Light


Similar Part No. - LB-CL7P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LB-CP7P OSRAM-LB-CP7P Datasheet
1Mb / 24P
SMT ceramic package with silicone resin and silicone lens
LB-CPDP OSRAM-LB-CPDP Datasheet
2Mb / 22P
SMT ceramic package with silicone resin and silicone lens
LB-CRBP OSRAM-LB-CRBP Datasheet
962Kb / 21P
SMD ceramic package with silicone lens
logo
ams-OSRAM AG
LB-CRBP AMSOSRAM-LB-CRBP Datasheet
1Mb / 23P
OSLON® Signal
Version 1.12 2022-06-02
LB-CRBP-01 AMSOSRAM-LB-CRBP-01 Datasheet
2Mb / 24P
OSLON® Signal
Version 1.4 2024-10-14
More results

Similar Description - LB-CL7P

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LDCN5M-4Q4R-35-1 OSRAM-LDCN5M-4Q4R-35-1 Datasheet
973Kb / 21P
SMD ceramic package with silicone resin with lens
LJCKBP-JZKZ-25-1 OSRAM-LJCKBP-JZKZ-25-1 Datasheet
977Kb / 22P
SMD ceramic package with silicone resin with lens
LMWCNAP-6J7K-37-DF-LH OSRAM-LMWCNAP-6J7K-37-DF-LH Datasheet
419Kb / 22P
SMD ceramic package with silicone resin with lens
LUWCVBP.CE OSRAM-LUWCVBP.CE Datasheet
758Kb / 22P
SMD ceramic package with silicone resin with lens
LD-CN5M OSRAM-LD-CN5M Datasheet
973Kb / 21P
SMD ceramic package with silicone resin with lens
LT-CN5M OSRAM-LT-CN5M Datasheet
1Mb / 21P
SMD ceramic package with silicone resin with lens
LY-CKBP OSRAM-LY-CKBP Datasheet
618Kb / 22P
SMD ceramic package with silicone resin with lens
LY-CN5M OSRAM-LY-CN5M Datasheet
3Mb / 21P
SMD ceramic package with silicone resin with lens
LUW-CN5M OSRAM-LUW-CN5M Datasheet
919Kb / 21P
SMD ceramic package with silicone resin with lens
LUW-CVBP.CE OSRAM-LUW-CVBP.CE Datasheet
758Kb / 22P
SMD ceramic package with silicone resin with lens
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com