Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB-CL7P Datasheet(PDF) 4 Page - OSRAM GmbH

Part # LB-CL7P
Description  SMD ceramic package with silicone resin with lens
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB-CL7P Datasheet(HTML) 4 Page - OSRAM GmbH

  LB-CL7P Datasheet HTML 1Page - OSRAM GmbH LB-CL7P Datasheet HTML 2Page - OSRAM GmbH LB-CL7P Datasheet HTML 3Page - OSRAM GmbH LB-CL7P Datasheet HTML 4Page - OSRAM GmbH LB-CL7P Datasheet HTML 5Page - OSRAM GmbH LB-CL7P Datasheet HTML 6Page - OSRAM GmbH LB-CL7P Datasheet HTML 7Page - OSRAM GmbH LB-CL7P Datasheet HTML 8Page - OSRAM GmbH LB-CL7P Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
2012-08-02
4
DRAFT – For Reference only. Subject to change
without notice.
Draft Version 0.1
LB CL7P
Characteristics (TS = 25 °C; IF = 350 mA)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Chromaticity coordinates acc. to CIE 1931
2) page 20
Farbkoordinaten nach CIE 1931 2) Seite 20
(typ.)
(typ.)
Cx
Cy
0.12
0.16
-
-
Viewing angle at 50 % IV
Abstrahlwinkel bei 50 % IV
(typ.)
2
80
°
Forward voltage 3) page 20
Durchlassspannung 3) Seite 20
(min.)
(typ.)
(max.)
VF
VF
VF
2.70
3.10
3.50
V
V
V
Reverse current
Sperrstrom
IR
not designed for
reverse operation
Real thermal resistance junction / solder point
4) page 20
Realer Wärmewiderstand Sperrschicht / Lötpad
4) Seite 20
(typ.)
(max.)
Rth JS real
Rth JS real
7
9.4
K/W
K/W
"Electrical" thermal resistance junction / solder
point 4) page 20
"Elektrischer" Wärmewiderstand Sperrschicht /
Lötpad 4) Seite 20
(with efficiency e = 20 %)
(typ.)
(max.)
Rth JS el
Rth JS el
6
8
K/W
K/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com