Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2202 Datasheet(PDF) 21 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 21 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 25Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
21/65
2003-May-05
OSCK
SYSCK
OSC
OSTP(SYS[6])
OUT
OSCX
XSTP(SYS[5])
OUT
SEL
WSKP(SYS[3])
CLK32
MUX2
IN0
IN1
XBAK(SYS[4])
Heavy
XSEL(SYS[7])
Warm-up control
256 cycles
16 cycles
Normal
EN
EN
•
•
•
LCDCK
LCDCK
Divider
LCKR[4:0]
IN
OUT
OSCK,OSCK/2/4…/30
OSCK, CLK32
XSEL(SYS[7])
INA
OUT
INB
PSGCK
Divider
PSGC[6:4]
•
PSGCK
•
OSCKx2,OSCK/2/4/8/16
CLK32
BGR
÷
N
Integer
Divider
BGRCK
IN
REF
Target
BDIV[7:0]
BSR[7:0] / BCTR[2:0]
IN
OUT
OUT
CLK32xK
•
SPICK
SPICK
Divider
SCKR[6:4]
IN
OUT
OSCK/2/4/8…/256
FIGURE 11-1 Clock Generator Diagram
TABLE 11-2 System Control Register (SYS)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
R
XSEL
OSTP
XSTP
XBAK
WSKP
WAIT
IRREN
HIGH
0000 0001
$030
SYS
W
XSEL
OSTP
XSTP
XBAK
WSKP
WAIT
IRREN
LVDEN
0000 0000
Bit 7: XSEL : Write: Select source of system clock (SYSCK) / Read: report of clock source being used
0 = OSC
1 = OSCX
Bit 6: OSTP : OSC stop control bit
0 = Enable OSC
1 = Disable OSC
Bit 5: XSTP : OSCX stop control bit
0 = Enable OSCX
1 = Disable OSCX
Bit 4: XBAK : OSCX driver heavy load bit
0 = OSCX heavy load
1 = OSCX normal load
Bit 3: WSKP : System warm-up cycles selection bit
0 = 256 warm-up cycles
1 = 16 warm-up cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com