Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2202 Datasheet(PDF) 41 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 41 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 38Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 39Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 40Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 41Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 42Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 43Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 44Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 45Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
41/65
2003-May-05
external DC-DC converter, which generates a high voltage
for driving liquid crystal. POFF outputs “1” when clearing
LPWR (LCTR), and outputs “0” by setting this bit, which is
also the default value.
BLANK (Contrast control)
The LCD blank signal is used to control the contrast of
display by setting contrast level in LPWM[5:0] with “00000”
(default) represents a maximum level and “11111” is for
minimum. The BLANK signal achieves this function by
outputting a PWM signal according to the settings of
contrast. Refer to section 16.4.10 for more information.
Besides contrast control, BLANK signal plays another role
of turning display off. This is controlled by register bit BLNK
(LCTR). Setting BLNK bit will make BLANK signal to
output “0” to blank the display regardless of contrast control.
Setting BLNK bit will enable the PWM contrast control and
of course the BLANK signal. If LPWMTR[5:0] are all zeros,
BLANK signal will stay at high level with no PWM
modulation.
16.2 Mapping the Display Data
The screen width and height of the LCD panel are
programmable through software. FIGURE 16-1 illustrates
the relationship between the portion of a large graphics file
displayed on the screen and the actual page. Although the
maximum screen size can be up to 1024x512, the actual
supported resolution is limited by the display buffer size,
which is also the internal RAM size, 4K bytes. Each bit in
the display memory corresponds to a pixel in the LCD panel.
FIGURE 16-1 also shows the mapping of the display data
to the LCD.
FIGURE 16-1 LCD Screen Format
16.3 LCD Interface Timing
The LCD controller continuously pumps the pixel data into
the LCD panel via the LCD data bus. The bus is timed by
the CP, LOAD, and FLM signals. Two kinds of data width, 1-
and 4-bit, are supported for most monochrome LCD panels.
Refer to FIGURE 16-2 for both 1- and 4-bit interface timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com