Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2202 Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 10Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 11Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 12Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 13Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 14Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 15Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
13/65
2003-May-05
TABLE 8-3 Interrupt Enable Register (IENA)
Address Name
R/W
Bit 7/15 Bit 6/14 Bit 5/13 Bit 4/12 Bit 3/11 Bit 2/10
Bit 1/9
Bit 0/8
Default
$03E
IENAL
R/W
-
IELCD
IEBT
IEPT
IET1
IET0
IEDAC
IEX
- 000 0000
$03F
IENAH
R/W
-
-
-
-
IEURX
IEUTX
IESRX
IESTX
- - - - 0000
Bitx: 1 = Enable respective interrupt
0 = Disable respective interrupt
8.1 Interrupt Description
Brk
Instruction ‘BRK’ will cause software interrupt when interrupt
disable flag (I) is cleared. Hardware will push ‘PC’, ‘P ’
registers to stack and then sets interrupt disable flag (I).
Program counter will be loaded with the BRK vector from
locations $7FFE and $7FFF.
Reset
A positive transition of RESET pin will make an initialization
sequence to begin. After the system has been operating, one
low level signal on this line of at least two clock cycles will
cease ST2202 activity. When a positive edge is detected, there
is an initialization sequence lasting six clock cycles. Then the
interrupt disable flag is set, the decimal mode is cleared and
the program counter will be loaded with the reset vector from
locations $7FFC (low byte) and $7FFD (high byte). This is the
start location for program flow. This input should be high in
normal operation.
INTX Interrupt
The IRX (INTX interrupt request) flag will be set while INTX
edge signal occurs. The INTX interrupt will be active when IEX
(INTX interrupt enable) is set, and interrupt disable flag is
cleared. Hardware will push ‘PC’, ‘P ’ registers to stack and
sets interrupt disable flag (I). Program counter will be loaded
with the INTX vector from locations $7FF8 and $7FF9.
DAC Interrupt
The IRDAC (DAC interrupt request) flag will be set while reload
signal of DAC occurs. Then the DAC interrupt will be executed
if IEDAC (DAC interrupt enable) is set, and interrupt disable
flag is cleared. Hardware will push ‘PC’, ‘P ’ Register to stack
and set interrupt mask flag (I). Program counter will be loaded
with the DAC vector from locations $7FF6 and $7FF7.
T0 Interrupt
The IRT0 (TIMER0 interrupt request) flag will be set while
Timer0 overflows. With IET0 (TIMER0 interrupt enable) being
set, the T0 interrupt will execute, and interrupt mask flag will be
cleared. Hardware will push ‘PC’, ‘P ’ Register to stack and
set interrupt mask flag (I). Program counter will be loaded with
the T0 vector from locations $7FF4 and $7FF5.
T1 Interrupt
The IRT1 (TIMER1 interrupt request) flag will be set while T1
overflows. With IET1 (TIMER1 interrupt enable) being set, the
T1 interrupt will execute, and interrupt mask flag will be cleared.
Hardware will push ‘PC’, ‘P ’ Register to stack and set
interrupt mask flag (I). Program counter will be loaded with the
T1 vector from locations $7FF2 and $7FF3.
PT Interrupt
The IRPT (Port-A interrupt request) flag will be set while Port-A
transition signal occurs. With IEPT (PT interrupt enable) being
set, the PT interrupt will be execute, and interrupt mask flag will
be cleared. Hardware will push ‘PC’, ‘P ’ Register to stack and
set interrupt mask flag (I). Program counter will be loaded with
the PT vector from locations $7FF0 and $7FF1.
BT Interrupt
The IRBT (Base timer interrupt request) flag will be set when
Base Timer overflows. The BT interrupt will be executed once
the IEBT (BT interrupt enable) is set and the interrupt mask flag
is cleared. Hardware will push ‘PC’, ‘P ’ Register to stack and
set interrupt mask flag (I). Program counter will be loaded with
the BT vector from locations $7FEE and $7FEF.
LCD Frame Interrupt
The IRLCD (LCD frame interrupt request) flag will be set when
one new display frame cycle starts. This interrupt is very useful
for software grayscale design. The LCD frame interrupt will be
executed once the IELCD (LCD frame interrupt enable) is set
and the interrupt mask flag is cleared. Hardware will push PC
and P registers to stack and set interrupt disable flag “I”.
Program counter PC will be loaded with the LCD vector from
locations $7FEC and $7FED.
SPI Interrupt
There are two interrupts for SPI transmitter and receiver
respectively. IRSTX (SPI transmitter interrupt request) flag will
be set when SPI transmit buffer is empty. IRSRX (SPI receiver
interrupt request) flag will be set when SPI completes one
receiving data and the receive buffer is ready. The SPI
interrupts will be executed once the related enable flag IESRX,
IESTX are set and the interrupt disable flag “I” is cleared.
Hardware will push ‘PC’, ‘P ’ registers to stack and set “I” flag.
Program counter will be loaded with the SPI vector from
locations $7FE7, $7FE6, and $7FE9, $7FE8.
UART Interrupts
There are 2 interrupts for UART: receiver interrupt (URX), and
transmitter interrupt (UTX). URX happens when receive-data is
ready and the receiver needs to be serviced. UTX happens
when current transmission is completed. Errors are indicated by
bits of UART status register (USTR). Other sequences of UART
interrupts are the same with those descriptions above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com