Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST2202 Datasheet(PDF) 34 Page - List of Unclassifed Manufacturers

Part # ST2202
Description  8 BIT Integrated Microcontroller with 256K Bytes ROM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST2202 Datasheet(HTML) 34 Page - List of Unclassifed Manufacturers

Back Button ST2202 Datasheet HTML 30Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 31Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 32Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 33Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 34Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 35Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 36Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 37Page - List of Unclassifed Manufacturers ST2202 Datasheet HTML 38Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 65 page
background image
Sitronix
ST2202
Ver 2.0a
34/65
2003-May-05
TABLE 14-3 PSG Control Register (PSGC)
Address Name
R/W
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
W
-
PCK[2]
PCK[1]
PCK[0]
PRBS
C1EN
C0EN
DACE=0
- 000 0000
$016
PSGC
W
-
PCK[2]
PCK[1]
PCK[0]
DMD[1] DMD[0]
INH
DACE=1
- 000 0000
Bit 0:
DACE : Tone(Noise) or DAC Generator selection bit
1 = PSG is used as the DAC generator
0 = PSG is used as the Tone (Noise) generator
Bit 1:
C0EN : PSG channel 0 (Tone) enable bit
1 = PSG0 (Tone) enable
0 = PSG0 (Tone) disable
Bit 2:
C1EN : PSG channel 1 (Tone or Noise) enable bit
1 = PSG1 (Tone or Noise) enable
0 = PSG1 (Tone or Noise) disable
Bit 3:
PRBS : Tone or Noise generator selection bit
1 = Noise generator
0 = Tone generator
14.3 Noise Generator Control
14.3.1 General description
Noise generator is shown in FIGURE 14-5, which base frequency is controlled by PSG1[5~0].
PSG1[5~0]
PSGCK
Noise Prescaler
C1N[5~0]
CLOCK
OUTPUT
NCK
CLOCK
OUTPUT
16-Stage White Noise Generator
Noise out
NCK Frequency = PSGCK/(40H-PSG1[5~0])
FIGURE 14-5 Noise Generator
14.3.2 Noise Generator Programming
DACE defines noise or DAC function. Writing a “1” to C1EN
will enable noise generator when PSG is in noise mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com